Electronic Components Datasheet Search
  English  ▼

X  

MAX8545 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8545
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8545 Datasheet HTML 1Page - Maxim Integrated Products MAX8545 Datasheet HTML 2Page - Maxim Integrated Products MAX8545 Datasheet HTML 3Page - Maxim Integrated Products MAX8545 Datasheet HTML 4Page - Maxim Integrated Products MAX8545 Datasheet HTML 5Page - Maxim Integrated Products MAX8545 Datasheet HTML 6Page - Maxim Integrated Products MAX8545 Datasheet HTML 7Page - Maxim Integrated Products MAX8545 Datasheet HTML 8Page - Maxim Integrated Products MAX8545 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VL = VCC = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND unless otherwise noted.)
VIN to GND ............................................................-0.3V to +30V
VCC to GND .............................-0.3V, lower of 6V or (VL + 0.3V)
FB to GND ................................................................-0.3V to +6V
BST to GND ............................................................-0.3V to +36V
VL, DL, COMP to GND ..............................-0.3V to (VCC + 0.3V)
BST to LX..................................................................-0.3V to +6V
DH to LX ....................................................-0.3V to (VBST + 0.3V)
VL Short to GND ......................................................................5s
LX to GND ................................................................-1V to +30V
Input Current (any pin) .....................................................±50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = VL, VIN separate from VCC
4.9
28.0
VIN Operating Range
VIN
VIN = VL = VCC
2.7
5.5
V
VIN Undervoltage Lockout
(UVLO) Trip Level
Rising and falling edge, hysteresis = 2%
2.35
2.50
2.66
V
VIN Operating Supply Current
VFB = 0.88V (no switching)
0.7
1.2
mA
VL Output Voltage
5.5V < VIN < 28V, VCC = VL,
1mA < ILOAD < 25mA
4.7
5
5.3
V
Thermal Shutdown
Rising temperature, typical
hysteresis = 10
°C (Note 1)
+160
°C
OSCILLATOR
MAX8545, MAX8546
250
300
360
Frequency
fOSC
MAX8548
80
100
120
kHz
DH output, MAX8545, MAX8546
5
Minimum Duty Cycle
DCMIN
MAX8548
10
%
DH output, MAX8545, MAX8546
83
86
Maximum Duty Cycle
DCMAX
MAX8548
90
95
%
SOFT-START
MAX8545, MAX8546
6.6
Digital Ramp Period
MAX8548
10.2
ms
MAX8545, MAX8546
VOUT / 64
Soft-Start Levels
MAX8548
VOUT / 32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com