Electronic Components Datasheet Search
  English  ▼

X  

MAX8545 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8545
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8545 Datasheet HTML 1Page - Maxim Integrated Products MAX8545 Datasheet HTML 2Page - Maxim Integrated Products MAX8545 Datasheet HTML 3Page - Maxim Integrated Products MAX8545 Datasheet HTML 4Page - Maxim Integrated Products MAX8545 Datasheet HTML 5Page - Maxim Integrated Products MAX8545 Datasheet HTML 6Page - Maxim Integrated Products MAX8545 Datasheet HTML 7Page - Maxim Integrated Products MAX8545 Datasheet HTML 8Page - Maxim Integrated Products MAX8545 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VL = VCC = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
2.7V < VCC < 5.5V, 0
°C to +85°C
0.787
0.800
0.815
FB Regulation Voltage
2.7V < VCC < 5.5V, -40
°C to +85°C
0.782
0.800
0.815
V
FB to COMP/EN Gain
4000
V / V
FB to COMP/EN
Transconductance
-5µA < ICOMP/EN < +5µA
70
108
160
µS
FB Input Bias Current
VFB = 0.88V
1
2
µA
COMP/EN Source Current
VCOMP/EN = 0V
15
46
100
µA
LX to GND, MAX8545, MAX8548,
VFB = 0.8V
-355
-320
-280
Current-Limit Threshold Voltage
(Across Low-Side MOSFET)
LX to GND MAX8546, VFB = 0.8V
-185
-165
-140
mV
LX to GND, VFB = 0V,
MAX8545, MAX8548
-105
-75
-45
Foldback Current-Limit Threshold
Voltage (Across Low-Side
MOSFET) When Output is Short
MAX8546, LX to GND, VFB = 0
-53
-38
-22
mV
MOSFET DRIVERS
Rising edge, DH going low to DL going high
96
Break-Before-Make Time
Falling edge, DL going low to DH going high
28
ns
DH On-Resistance in Low State
1.6
4
Ω
DH On-Resistance in High State
2.5
5.5
Ω
DL On-Resistance in Low State
1.1
2.5
Ω
DL On-Resistance in High State
2.5
5.5
Ω
BST Leakage Current
VBST = 33V, VLX = 28V, VFB = 0.88V
0
50
µA
LX Leakage Current
VBST = 33V, VLX = 28V, VFB = 0.88V
33
100
µA
Note 1: Thermal shutdown disables the buck regulator when the die reaches this temperature. Soft-start is reset but the VL regulator
remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com