Electronic Components Datasheet Search
  English  ▼

X  

MAX8545 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8545
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8545 Datasheet HTML 2Page - Maxim Integrated Products MAX8545 Datasheet HTML 3Page - Maxim Integrated Products MAX8545 Datasheet HTML 4Page - Maxim Integrated Products MAX8545 Datasheet HTML 5Page - Maxim Integrated Products MAX8545 Datasheet HTML 6Page - Maxim Integrated Products MAX8545 Datasheet HTML 7Page - Maxim Integrated Products MAX8545 Datasheet HTML 8Page - Maxim Integrated Products MAX8545 Datasheet HTML 9Page - Maxim Integrated Products MAX8545 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VL = VCC = 5V, typical values are at TA = +25°C, unless otherwise noted.)
VOUT
1V/div
VIN
5V/div
INDUCTOR
CURRENT
5A/div
1ms/div
STARTUP WAVEFORM
MAX8545 toc15
ILOAD = 3A
VOUT
1V/div
VIN
5V/div
INDUCTOR
CURRENT
2A/div
2ms/div
SHUTDOWN WAVEFORM
MAX8545 toc16
ILOAD = 3A
VOUT
2V/div
VIN
5V/div
IIN
10A/div
IOUT
5A/div
SHORT-CIRCUIT WAVEFORM
MAX8545 toc18
VOUT
2V/div
VIN
20V/div
IIN
2A/div
INDUCTOR
CURRENT
5A/div
1ms/div
0
0
0
0
SHORT-CIRCUIT WAVEFORM
MAX8545 toc17
GAIN AND PHASE vs. FREQUENCY
MAX8545/46/48 toc19
FREQUENCY (kHz)
10
1
-120
-100
-80
-60
-40
-20
0
20
40
60
-140
0.1
100
180
150
120
90
60
30
VIN = 17V, VOUT = 2.5V
ILOAD = 6A
GAIN
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com