Electronic Components Datasheet Search
  English  ▼

X  

TDA9875 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 45Page - NXP Semiconductors TDA9875 Datasheet HTML 46Page - NXP Semiconductors TDA9875 Datasheet HTML 47Page - NXP Semiconductors TDA9875 Datasheet HTML 48Page - NXP Semiconductors TDA9875 Datasheet HTML 49Page - NXP Semiconductors TDA9875 Datasheet HTML 50Page - NXP Semiconductors TDA9875 Datasheet HTML 51Page - NXP Semiconductors TDA9875 Datasheet HTML 52Page - NXP Semiconductors TDA9875 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
1998 Feb 13
49
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
Table 48 Description of bit SC2GAIN (note 1)
Note
1. A possibility to copy from SCART 2 input to SCART 2 output is not implemented.
10.3.19 LINE OUTPUT SELECT REGISTER
10.3.19.1 Description
By definition, the line output conveys the same signal as the Main (loudspeaker) channel, but in a non-processed form.
This register is used to characterize the signal to be output at the line output and define the output channel selector mode.
10.3.19.2 Definition
Table 49 Subaddress 22 (note 1)
Note
1. The default setting at power-up is 00000000.
Table 50 Bits B5 and B4
NAME
HIGH/LOW
FUNCTION
SC2GAIN
HIGH
Activates the 3 dB gain stage at the SCART 2 output port. As any SCART input passes
a 3 dB attenuator, this gain stage can be used to compensate that attenuation, resulting
in a 0 dB insertion loss when copying from SCART 1 input to SCART 2 output.
However, that gain must be used with great care, as it will cause signal clipping at high
input levels.
LOW
The audio signal will be output unchanged (0 dB gain).
BIT
NAME
DESCRIPTION
7 (MSB)
X
don’t care
6
LINGAIN
line output gain on/off; see Table 51
5
see Table 50
4
3
X
don’t care
2
X
don’t care
1
X
don’t care
0 (LSB)
LINSEL
select source for line output; see Table 51
B5
B4
L OUTPUT
R OUTPUT
0
0
L input
R input
0
1
L input
L input
1
0
R input
R input
1
1
R input
L input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com