Electronic Components Datasheet Search
  English  ▼

X  

TDA9875 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9875 Datasheet HTML 1Page - NXP Semiconductors TDA9875 Datasheet HTML 2Page - NXP Semiconductors TDA9875 Datasheet HTML 3Page - NXP Semiconductors TDA9875 Datasheet HTML 4Page - NXP Semiconductors TDA9875 Datasheet HTML 5Page - NXP Semiconductors TDA9875 Datasheet HTML 6Page - NXP Semiconductors TDA9875 Datasheet HTML 7Page - NXP Semiconductors TDA9875 Datasheet HTML 8Page - NXP Semiconductors TDA9875 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
1998 Feb 13
4
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
2.1.1
ANALOG 2-CARRIER SYSTEMS
Table 1
Frequency modulation
Table 2
Identification for A2 systems
2.1.2
2-CARRIER SYSTEMS WITH NICAM
Table 3
NICAM
Note
1. See
“EBU specification” or equivalent specification.
STANDARD
SOUND
SYSTEM
CARRIER
FREQUENCY
(MHz)
FM DEVIATION
(kHz)
NOM./MAX./OVER
MODULATION
BANDWIDTH/
DE-EMPHASIS
(kHz/
µs)
SC1
SC2
M
mono
4.5
15/25/50
mono
−
15/75
M
A2+
4.5/4.724
15/25/50
1
⁄2(L + R)
1
⁄2(L − R)
15/75 (Korea)
B/G
A2
5.5/5.742
27/50/80
1
⁄2(L + R)
R
15/50
I
mono
6.0
27/50/80
mono
−
15/50
D/K
A2
6.5/6.742
27/50/80
1
⁄2(L + R)
R
15/50
D/K
A2*
6.5/6.26
27/50/80
1
⁄2(L + R)
R
15/50
PARAMETER
A2/A2*
A2+ (KOREA)
Pilot frequency
54.6875 kHz = 3.5
× line frequency
55.0699 kHz = 3.5
× line frequency
Stereo identification
frequency
Dual identification frequency
AM modulation depth
50%
50%
STANDARD
SC1
SC2
(MHz)
NICAM
DE-EMPHASIS
ROLL-OFF
(%)
NICAM
CODING
FREQUENCY
(MHz)
TYPE
MODULATION
INDEX (%)
NOM/MAX.
DEVIATION
(kHz)
NOM./MAX.
B/G
5.5
FM
−
27/50
5.85
J17
40
note 1
I
6.0
FM
−
27/50
6.552
J17
100
note 1
D/K
6.5
FM
−
27/50
5.85
J17
40
not yet
defined
L
6.5
AM
54/100
−
5.85
J17
40
note 1
117.5 Hz
pilot frequency
133
---------------------------------------
=
149.9 Hz
pilot frequency
105
---------------------------------------
=
274.1 Hz
pilot frequency
57
---------------------------------------
=
276.0 Hz
pilot frequency
57
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com