Electronic Components Datasheet Search
  English  ▼

X  

TDA9875 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 80Page - NXP Semiconductors TDA9875 Datasheet HTML 81Page - NXP Semiconductors TDA9875 Datasheet HTML 82Page - NXP Semiconductors TDA9875 Datasheet HTML 83Page - NXP Semiconductors TDA9875 Datasheet HTML 84Page - NXP Semiconductors TDA9875 Datasheet HTML 85Page - NXP Semiconductors TDA9875 Datasheet HTML 86Page - NXP Semiconductors TDA9875 Datasheet HTML 87Page - NXP Semiconductors TDA9875 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
1998 Feb 13
84
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
loudspeaker and/or headphone channels. Apart from such
simple data input or output, it is also possible to run audio
signals through an external DSP, which performs some
additional functions, such as room simulation, Dolby
Surround Pro Logic etc. and feed those signals back into
the loudspeaker and/or headphone channels of the
TDA9875.
Two serial audio formats are supported at the feature
interface, i.e. the I2S-bus format and a very similar
MSB-aligned format. The difference is illustrated in Fig.7.
In both formats the left audio channel of a stereo sample
pair is output first and is placed on the serial data line (SDI
for input, SDO for output) when the word select line (WS)
is LOW. Data is written at the trailing edge of SCK and
read at the leading edge of SCK. The most significant bit
is sent first.
At power-up, the outputs of the feature interface are
3-stated to reduce EMC and allow for combinations with
other ICs. If output is desired, it has to be activated by
means of an I2C-bus command.
When the output is enabled, the serial audio data can be
taken from pins SDO1 and SDO2. Depending on the signal
source, switch and matrix positions, the output can be
either mono, stereo or dual language sound on either
output.
The word select output is clocked with the audio sample
frequency at 32 kHz. The serial clock output (SCK) is
clocked at a frequency of 2.048 MHz. This means, that
there are 64 clock pulses per pair of stereo output
samples, or 32 clock pulses per sample. Depending again
on the signal source, the number of significant bits on the
serial data outputs, SDO1 and SDO2, is between
14 and 18.
Apart from just feeding a digital audio device, such as a
DAC or an AES/EBU transmitter, the serial data outputs
can be connected directly to the serial inputs (loop-back
connection) or first to an external device, e.g. a feature
DSP such as the SAA7710 and then back to the serial
inputs. In all of these configurations, the SCK and WS
clocks will be generated by the TDA9875, which then is the
I2S-bus master.
The serial data inputs, SDI1 and SDI2, are active at all
times, independent of the serial data outputs being on or
off.
When the serial data outputs are off (either after power-up
or via the appropriate I2C-bus command) serial data and
clocks WS and SCK from a separate digital audio source
can be fed into the TDA9875, be processed and output in
accordance with internal selector positions, provided that
the following criteria are met:
• 32 kHz audio sample frequency
• 32 clock bits per sample
• External timing and data synchronized to TDA9875.
In such cases, the external source is the I2S-bus master
and the TDA9875 is the I2S-bus slave.
To support synchronization of external devices or as a
master clock for them, a symmetrical system clock output,
SYSCLK, is available from the TDA9875. At power-up it is
off. It can be enabled and the output frequency set via an
I2C-bus command. Available output frequencies are
8.192, 12.288, 16.384 and 24.576 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com