Electronic Components Datasheet Search
  English  ▼

X  

TDA9875 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA9875
Description  Digital TV Sound Processor DTVSP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 31Page - NXP Semiconductors TDA9875 Datasheet HTML 32Page - NXP Semiconductors TDA9875 Datasheet HTML 33Page - NXP Semiconductors TDA9875 Datasheet HTML 34Page - NXP Semiconductors TDA9875 Datasheet HTML 35Page - NXP Semiconductors TDA9875 Datasheet HTML 36Page - NXP Semiconductors TDA9875 Datasheet HTML 37Page - NXP Semiconductors TDA9875 Datasheet HTML 38Page - NXP Semiconductors TDA9875 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
1998 Feb 13
35
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
10.3.3
MONITOR SELECT REGISTER
10.3.3.1
Description
This register is used to define the signal source, the level of which is to be monitored, and if the peak level is to be
monitored. Peak level refers to the magnitude of the maximum excursion of a signal. Data can be read-out in the I2C-bus
slave transmitter mode (see Section 10.4, subaddresses 5 and 6).
Audio magnitude/phase is related to the FM demodulator output. Phase information is provided, when it operates in
FM mode, while magnitude is supplied in AM mode.
Table 15 Description of bit PEAKMON
10.3.3.2
Definition
Table 16 Subaddress 2 (notes 1, 2 and 3)
Notes
1. X = don’t care.
2. PEAKMON is described in Section 10.3.3.1.
3. The default setting at power-up is 00000000.
Table 17 Signal source (note 1)
Note
1. The term ‘crossbar’ refers to the digital selector, where level-adjusted signals from various sources are available.
NAME
HIGH/LOW
FUNCTION
PEAKMON
HIGH
selects the peak level of a source to be monitored
LOW
the last sample will be supplied
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
PEAKMON
X
X
see Table 18
see Table 17
B2
B1
B0
SIGNAL SOURCE
0
0
0
DC output of FM demodulator
0
0
1
audio magnitude/phase, FM demodulator output
0
1
0
crossbar input from FM/AM channel
0
1
1
crossbar input from NICAM channel
1
0
0
crossbar input from I2S1 channel
1
0
1
crossbar input from I2S2 channel
1
1
0
crossbar input from audio ADC channel
1
1
1
input to Main channel DAC (without beeper)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com