Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 6 Page - Analog Devices

Part # LT5514
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 10V/V)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT5514 Datasheet HTML 2Page - Analog Devices LT5514 Datasheet HTML 3Page - Analog Devices LT5514 Datasheet HTML 4Page - Analog Devices LT5514 Datasheet HTML 5Page - Analog Devices LT5514 Datasheet HTML 6Page - Analog Devices LT5514 Datasheet HTML 7Page - Analog Devices LT5514 Datasheet HTML 8Page - Analog Devices LT5514 Datasheet HTML 9Page - Analog Devices LT5514 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1993-10
6
Rev C
For more information www.analog.com
Frequency Response
RLOAD = 400Ω
Frequency Response vs CLOAD
RLOAD = 400Ω
Frequency Response
RLOAD = 100Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, No RLOAD
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 400Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 100Ω
Output Third Order Intercept
vs Frequency, Differential Input
No RLOAD
Output Third Order Intercept
vs Frequency, Differential Input
RLOAD = 400Ω
Output Third Order Intercept
vs Frequency, Differential Input
RLOAD = 100Ω
FREQUENCY (MHz)
8
14
17
23
26
1
100
1000
10000
199310 G01
2
10
20
11
5
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 20mVP-P
UNFILTERED: RLOAD = 400Ω
FILTERED: RLOAD = 350Ω
(EXTERNAL) + 50
Ω (INTERNAL,
FILTERED OUTPUTS)
FREQUENCY (MHz)
17
23
26
32
35
1
100
1000
10000
199310 G02
11
10
29
20
14
VIN = 20mVP-P
UNFILTERED OUTPUTS
10pF
0pF
5pF
1.8pF
FREQUENCY (MHz)
8
14
17
23
26
1
100
1000
10000
199310 G03
2
10
20
11
5
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 20mVP-P
UNFILTERED: RLOAD = 100Ω
FILTERED: RLOAD = 50Ω
(EXTERNAL) + 50
Ω
(INTERNAL, FILTERED
OUTPUTS)
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G04
–90
–30
–20
–50
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G05
–90
–30
–20
–50
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G06
–90
–30
–20
–50
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G07
50
55
40
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G08
50
55
40
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G09
50
55
40
20
60
120 140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED
OUTPUTS
FILTERED
OUTPUTS
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com