Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 16 Page - Analog Devices

Part # LT5514
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 10V/V)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT5514 Datasheet HTML 12Page - Analog Devices LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices LT5514 Datasheet HTML 18Page - Analog Devices LT5514 Datasheet HTML 19Page - Analog Devices LT5514 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1993-10
16
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
• Output voltage high level is at 3.5V (data sheet
VSWINGMAX).
Table 1.
Gain
10
10
VOCM
1.4
2.5
–INA/–INB
1.4
2.6
+INA/+INB
1.52
2.4
VINDIFF
0.12
–0.2
RR
5
5
Amp CM A
1.5
2.42
Amp CM B
1.4
2.58
+VOUT
2
1.5
–VOUT
0.8
3.5
Application (Demo) Boards
The DC800A Demo Board has been created for stand-alone
evaluation of the LT1993-10 with either single-ended or
differential input and output signals. As shown, it accepts
a single-ended input and produces a single-ended output
so that the LT1993-10 can be evaluated using standard
laboratory test equipment. For more information on this
Demo Board, please refer to the Demo Board section of
this datasheet.
There are also additional demo boards available that
combine the LT1993-10 with a variety of different Linear
Technology ADCs. Please contact the factory for more
information on these demo boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com