Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 20 Page - Analog Devices

Part # LT5514
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 10V/V)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT5514 Datasheet HTML 12Page - Analog Devices LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices LT5514 Datasheet HTML 18Page - Analog Devices LT5514 Datasheet HTML 19Page - Analog Devices LT5514 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1993-10
20
Rev C
For more information www.analog.com
ANALOG DEVICES, INC. 2005-2018
D17141-0-9/18(C)
www.analog.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1993-2
800MHz Differential Amplifier/ADC Driver
Av = 2V/V, NF = 12.3dB, OIP3 = 38dBm at 70MHz
LT1993-4
900MHz Differential Amplifier/ADC Driver
Av = 4V/V, NF = 14.5dB, OIP3 = 40dBm at 70MHz
LT5514
Ultralow Distortion IF Amplifier/ADC Driver
Digitally Controlled Gain Output IP3 47dBm at 100MHz
LT6600-2.5
Very Low Noise Differential Amplifier and 2.5MHz Lowpass Filter
86dB S/N with 3V Supply, SO-8 Package
LT6600-5
Very Low Noise Differential Amplifier and 5MHz Lowpass Filter
82dB S/N with 3V Supply, SO-8 Package
LT6600-10
Very Low Noise Differential Amplifier and 10MHz Lowpass Filter
82dB S/N with 3V Supply, SO-8 Package
LT6600-20
Very Low Noise Differential Amplifier and 20MHz Lowpass Filter
76dB S/N with 3V Supply, SO-8 Package
Demo Circuit DC800A Schematic (AC Test Circuit)
VCC
J6
TEST IN
J7
TEST OUT
J3
VOCM
3
1
2
4
1
5
VCC
VCC
C9
1000pF
199310 TA03
13
14
15
16
11
10
9
12
VCC
VCC
GND
SW1
23
4
1
8
7
6
5
R8
[1]
R7
[1]
R15
[1]
+14dB
0dB
NOTES: UNLESS OTHERWISE SPECIFIED,
[1] DO NOT STUFF.
T1
1:1 Z-RATIO
MA/COM
ETC1-1-13
T2
4:1 Z-RATIO
C17
1000pF
C12
1000pF
R22
[1]
R21
[1]
–INA
–INB
+INB
+INA
VEEC
VCCB VEEB
VOCM VCCA
VCCC
VEEA
–OUTFILTERED
–OUT
+OUTFILTERED
+OUT
ENABLE
TP1
ENABLE
J4
–OUT
J5
+OUT
R13
[1]
5
4
2
2
13
3
J1
–IN
J2
+IN
0dB
R2
0
R4
50
R6
0
R18
0
R17
0
R16
0
R10
24.9
R12
75
R11
75
R9
24.9
R14
0
C18
0.01 F
C4
0.1 F
C3
0.1 F
C13
0.01 F
C5
0.1 F
C6
0.1 F
C15
1 F
C14
4.7 F
C19 0.1 F
C20 0.1 F
C7
0.01 F
C10
0.01 F
C1
0.1 F
C21
0.1 F
R3
50
R5
0
R1
[1]
C22
0.1 F
C2
0.1 F
R20
11k
R19
14k
VCC
VCC
TP2
VCC
T4
4:1
5
4
3
1
2
TP3
GND
LT1993-10
1
2
1
2
1
2
1
2
1
2
1
2
1
1
T3
1:4
5
4
2
3
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
C8
[1]
L1
[1]
2
1
C11
[1]
1
2
2
1
1
1
2
1
C16
[1]
1
2
2
1
2
1
+18.8dB
+8dB
MINI-
CIRCUITS
TCM 4-19
MINI-
CIRCUITS
TCM 4-19
MINI-
CIRCUITS
TCM 4-19
TYPICAL APPLICATION
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com