Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 13 Page - Analog Devices

Part # LT5514
Description  700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 10V/V)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT5514 Datasheet HTML 9Page - Analog Devices LT5514 Datasheet HTML 10Page - Analog Devices LT5514 Datasheet HTML 11Page - Analog Devices LT5514 Datasheet HTML 12Page - Analog Devices LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1993-10
13
Rev C
For more information www.analog.com
Single-Ended to Differential Operation
The LT1993-10’s performance with single-ended inputs
is comparable to its performance with differential inputs.
This excellent single-ended performance is largely due to
the internal topology of the LT1993-10. Referring to the
block diagram, if the +INA and +INB pins are driven with
a single-ended signal (while –INA and –INB are tied to AC
ground), then the +OUT and –OUT pins are driven differ-
entially without any voltage swing needed from amplifier
C. Single-ended to differential conversion using more
conventional topologies suffers from performance lim-
itations due to the common mode amplifier.
Driving ADCs
The LT1993-10 has been specifically designed to inter-
face directly with high speed Analog to Digital Converters
(ADCs). In general, these ADCs have differential inputs,
with an input impedance of 1k or higher. In addition, there
is generally some form of lowpass or bandpass filter-
ing just prior to the ADC to limit input noise at the ADC,
thereby improving system signal to noise ratio. Both the
unfiltered and filtered outputs of the LT1993-10 can eas-
ily drive the high impedance inputs of these differential
ADCs. If the filtered outputs are used, then cutoff fre-
quency and the type of filter can be tailored for the specific
application if needed.
Wideband Applications
(Using the +OUT and –OUT Pins)
In applications where the full bandwidth of the LT1993-10
is desired, the unfiltered output pins (+OUT and –OUT)
should be used. They have a low output impedance; there-
fore, gain is unaffected by output load. Capacitance in
excess of 5pF placed directly on the unfiltered outputs
results in additional peaking and reduced performance.
When driving an ADC directly, a small series resistance
is recommended between the LT1993-10’s outputs and
the ADC inputs (Figure 4). This resistance helps eliminate
any resonances associated with bond wire inductances of
either the ADC inputs or the LT1993-10’s outputs. A value
between 10Ω and 25Ω gives excellent results.
Filtered Applications
(Using the +OUTFILTERED and –OUTFILTERED Pins)
Filtering at the output of the LT1993-10 is often desired
to provide either anti-aliasing or improved signal to noise
ratio. To simplify this filtering, the LT1993-10 includes an
additional pair of differential outputs (+OUTFILTERED and
–OUTFILTERED) which incorporate an internal lowpass fil-
ter network with a –3dB bandwidth of 175MHz (Figure 5).
These pins each have an output impedance of 25Ω. Internal
capacitances are 12pF to VEE on each filtered output, plus
an additional 12pF capacitor connected differentially
between the two filtered outputs. This resistor/capacitor
combination creates filtered outputs that look like a series
25Ω resistor with a 36pF capacitor shunting each filtered
output to AC ground, giving a –3dB bandwidth of 175MHz.
199310 F04
LT1993-10
–OUT
+OUT
8
5
10 TO 25
10 TO 25
ADC
Figure 4. Adding Small Series R at LT1993-10 Output
The filter cutoff frequency is easily modified with just a
few external components. To increase the cutoff frequency,
simply add 2 equal value resistors, one between +OUT
and +OUTFILTERED and the other between –OUT and –
OUTFILTERED (Figure 6). These resistors are in parallel
with the internal 25Ω resistor, lowering the overall resis-
tance and increasing filter bandwidth. To double the filter
bandwidth, for example, add two external 25Ω resistors to
lower the series resistance to 12.5Ω. The 36pF of capac-
itance remains unchanged, so filter bandwidth doubles.
Figure 5. LT1993-10 Internal Filter Topology –3dB BW ≈175MHz
VEE
VEE
199310 F05
25
25
12pF
LT1993-10
–OUT
+OUT
25
25
12pF
12pF
–OUTFILTERED
FILTERED OUTPUT
(350MHz)
+OUTFILTERED
8
7
6
5
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com