Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 13 Page - Analog Devices

Part # LT5514
Description  800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT5514 Datasheet HTML 9Page - Analog Devices LT5514 Datasheet HTML 10Page - Analog Devices LT5514 Datasheet HTML 11Page - Analog Devices LT5514 Datasheet HTML 12Page - Analog Devices LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT1993-2
13
Rev B
For more information www.analog.com
+
–
14
–INA
5
+OUT
19932 BD
3
VCCA
10
VCCB
1
VCCC
11
ENABLE
13
–INB
12pF
VCCA
A
VEEA
VEEA
200
Ω
200
Ω
200
Ω
200
Ω
25
Ω
200
Ω
6
+OUTFILTERED
–
+
16
+INA
8
–OUT
15
+INB
VCCB
B
VEEB
VEEB
200
Ω
200
Ω
25
Ω
200
Ω
12pF
12pF
7
–OUTFILTERED
12
VEEC
9
VEEB
4
VEEA
+
–
VEEC
C
VCCC
2
VOCM
BIAS
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com