Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 17 Page - Analog Devices

Part # LT5514
Description  800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices LT5514 Datasheet HTML 18Page - Analog Devices LT5514 Datasheet HTML 19Page - Analog Devices LT5514 Datasheet HTML 20Page - Analog Devices LT5514 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT1993-2
17
Rev B
For more information www.analog.com
Output Common Mode Adjustment
The LT1993-2’s output common mode voltage is set by
the VOCM pin. It is a high-impedance input, capable of
setting the output common mode voltage anywhere in a
range from 1.1V to 3.6V. Bandwidth of the VOCM pin is
typically 300MHz, so for applications where the VOCM pin
is tied to a DC bias voltage, a 0.1µF capacitor at this pin
is recommended. For best distortion performance, the
voltage at the VOCM pin should be between 1.8V and 2.6V.
When interfacing with most ADCs, there is generally a
VOCM output pin that is at about half of the supply voltage
of the ADC. For 5V ADCs such as the LTC17XX family,
this VOCM output pin should be connected directly (with
the addition of a 0.1µF capacitor) to the input VOCM pin of
the LT1993-2. For 3V ADCs such as the LTC22XX fami-
lies, the LT1993-2 will function properly using the 1.65V
from the ADC’s VCM reference pin, but improved Spurious
Free Dynamic Range (SFDR) and distortion performance
can be achieved by level-shifting the LTC22XX’s VCM ref-
erence voltage up to at least 1.8V. This can be accom-
plished as shown in Figure 10 by using a resistor divider
between the LTC22XX’s VCM output pin and VCC and then
bypassing the LT1993-2’s VOCM pin with a 0.1µF capaci-
tor. For a common mode voltage above 1.9V, AC coupling
capacitors are recommended between the LT1993-2 and
LTC22XX ADCs because of the input voltage range con-
straints of the ADC.
Large Output Voltage Swings
The LT1993-2 has been designed to provide the 3.2VP-P
output swing needed by the LTC1748 family of 14-bit
low-noise ADCs. This additional output swing improves
system SNR by up to 4dB. Typical performance curves
and AC specifications have been included for these
applications.
Input Bias Voltage and Bias Current
The input pins of the LT1993-2 are internally biased to
the voltage applied to the VOCM pin. No external biasing
resistors are needed, even for AC-coupled operation. The
input bias current is determined by the voltage difference
between the input common mode voltage and the VOCM
pin (which sets the output common mode voltage). At
both the positive and negative inputs, any voltage differ-
ence is imposed across 200 , generating an input bias
current. For example, if the inputs are tied to 2.5V with
the VOCM pin at 2.2V, then a total input bias current of
1.5mA will flow into the LT1993-2’s +INA and +INB pins.
Furthermore, an additional input bias current totaling
1.5mA will flow into the –INA and –INB inputs.
VOCM and Output Voltages for Proper Operation
The electrical tables suggest 1.3V VOCM minimum to
ensure proper operation over temperature. The electrical
tables also guarantee VSWINGMIN to be 0.5V over tem-
perature. It would appear that operation is okay so long
as the low output voltage on either pin is 0.5V or higher,
and VOCM is 1.3V or higher. The values in the table are
correct. However, the VSWINGMIN value is tested with the
input difference overdriven. Overdriven input is a static
condition during which the overdrive forces transistors
well into their saturated state.
Amplifier Inputs
Dynamically, the situation is more complicated. Referring
to the Block Diagram, an NPN differential pair with tail
current forms the input stage of both amplifiers A and
B. Appropriate biasing of these inputs requires 1.3V, or
in other words the same value as the minimum VOCM.
19932 F10
IF IN
LT1993-2
–INA
–INB
VOCM
2
31
6
7
1
2
+INB
+INA
14
13
15
80.6
Ω
16
10
Ω
10
Ω
LTC22xx
0.1
µF
0.1
µF
+OUTFILTERED
–OUTFILTERED
AIN+
AIN–
4.02k
11k
1.9V
1.5V
3V
VCM
Figure10. Level Shifting 3V ADC VCM Voltage for
Improved SFDR
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com