Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 16 Page - Analog Devices

Part # LT5514
Description  800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT5514 Datasheet HTML 12Page - Analog Devices LT5514 Datasheet HTML 13Page - Analog Devices LT5514 Datasheet HTML 14Page - Analog Devices LT5514 Datasheet HTML 15Page - Analog Devices LT5514 Datasheet HTML 16Page - Analog Devices LT5514 Datasheet HTML 17Page - Analog Devices LT5514 Datasheet HTML 18Page - Analog Devices LT5514 Datasheet HTML 19Page - Analog Devices LT5514 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LT1993-2
16
Rev B
For more information www.analog.com
that look like a series 25 resistor with a 36pF capacitor
shunting each filtered output to AC ground, giving a –3dB
bandwidth of 175MHz.
it will appear at each filtered output as a single-ended
capacitance of twice the value. To halve the filter band-
width, for example, two 36pF capacitors could be added
(one from each filtered output to ground). Alternatively
one 18pF capacitor could be added between the filtered
outputs, again halving the filter bandwidth. Combinations
of capacitors could be used as well; a three capacitor
solution of 12pF from each filtered output to ground plus
a 12pF capacitor between the filtered outputs would also
halve the filter bandwidth (Figure8).
The filter cutoff frequency is easily modified with just a few
external components. To increase the cutoff frequency,
simply add 2 equal value resistors, one between +OUT
and +OUTFILTERED and the other between –OUT and –
OUTFILTERED (Figure 7). These resistors are in parallel
with the internal 25 resistor, lowering the overall resis-
tance and increasing filter bandwidth. To double the filter
bandwidth, for example, add two external 25 resistors to
lower the series resistance to 12.5 . The 36pF of capac-
itance remains unchanged, so filter bandwidth doubles.
Figure6. LT1993-2 Internal Filter Topology –3dB BW ≈175MHz
Figure7. LT1993-2 Internal Filter Topology Modified for
2x Filter Bandwidth (2 External Resistors)
Bandpass filtering is also easily implemented with just a
few external components. An additional 120pF and 39nH,
each added differentially between +OUTFILTERED and –
OUTFILTERED creates a bandpass filter with a 71MHz
center frequency, –3dB points of 55MHz and 87MHz, and
1.6dB of insertion loss (Figure9).
Figure8. LT1993-2 Internal Filter Topology Modified for
1/2x Filter Bandwidth (3 External Capacitors)
19932 F06
25
Ω
VEE
VEE
12pF
LT1993-2
–OUT
+OUT
25
Ω
12pF
12pF
–OUTFILTERED
+OUTFILTERED
8
7
6
5
FILTERED OUTPUT
(175MHz)
VEE
VEE
19932 F07
25
Ω
25
Ω
12pF
LT1993-2
–OUT
+OUT
25
Ω
25
Ω
12pF
12pF
–OUTFILTERED
FILTERED OUTPUT
(350MHz)
+OUTFILTERED
8
7
6
5
To decrease filter bandwidth, add two external capacitors,
one from +OUTFILTERED to ground, and the other from
–OUTFILTERED to ground. A single differential capacitor
connected between +OUTFILTERED and –OUTFILTERED
can also be used, but since it is being driven differentially
VEE
VEE
19932 F08
25
Ω
12pF
LT1993-2
–OUT
+OUT
25
Ω
12pF
12pF
12pF
12pF
12pF
–OUTFILTERED
+OUTFILTERED
8
7
6
5
FILTERED OUTPUT
(87.5MHz)
Figure9. LT1993-2 Output Filter Topology Modified for Bandpass
Filtering (1 External Inductor, 1 External Capacitor)
VEE
VEE
19932 F09
25
Ω
12pF
LT1993-2
–OUT
+OUT
25
Ω
12pF
12pF
120pF
39nH
–OUTFILTERED
+OUTFILTERED
8
7
6
5
FILTERED OUTPUT
(71MHz BANDPASS,
–3dB @ 55MHz/87MHz)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com