Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 2 Page - Analog Devices

Part # LT5514
Description  800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT5514 Datasheet(HTML) 2 Page - Analog Devices

  LT5514 Datasheet HTML 1Page - Analog Devices LT5514 Datasheet HTML 2Page - Analog Devices LT5514 Datasheet HTML 3Page - Analog Devices LT5514 Datasheet HTML 4Page - Analog Devices LT5514 Datasheet HTML 5Page - Analog Devices LT5514 Datasheet HTML 6Page - Analog Devices LT5514 Datasheet HTML 7Page - Analog Devices LT5514 Datasheet HTML 8Page - Analog Devices LT5514 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1993-2
2
Rev B
For more information www.analog.com
DC ELECTRICAL CHARACTERISTICS
Total Supply Voltage (VCCA/VCCB/VCCC to
VEEA/VEEB/VEEC)..................................................5.5V
Input Current (+INA, –INA, +INB, –INB,
VOCM, ENABLE)................................................±10mA
Output Current (Continuous) (Note 6)
+OUT, –OUT (DC) ..........................................±100mA
(AC)...........................................±100mA
+OUTFILTERED, –OUTFILTERED (DC) ............. ±15mA
(AC) ............ ±45mA
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)....–40°C to 85°C
Specified Temperature Range (Note 4) ....–40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
Junction Temperature ........................................... 125°C
Lead Temperature Range (Soldering 10 sec).........300°C
(Note 1)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V, ENABLE = 0.8V, +INA
shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics (+INA, +INB, –INA, –INB, +OUT, –OUT, +OUTFILTERED, –OUTFILTERED)
GDIFF
Gain
Differential (+OUT, –OUT), VIN = ±0.8V Differential
l
5.8
6.08
6.3
dB
VSWINGMIN
Single-Ended +OUT, –OUT, +OUTFILTERED,
–OUTFILTERED. VIN = ±2.2V Differential
l
0.25
0.35
0.5
V
V
VSWINGMAX
Single-Ended +OUT, –OUT, +OUTFILTERED,
–OUTFILTERED. VIN = ±2.2V Differential
l
3.6
3.5
3.75
V
V
VSWINGDIFF Output Voltage Swing
Differential (+OUT, –OUT), VIN = ±2.2V
Differential
l
6.5
6
7
VP-P
VP-P
IOUT
Output Current Drive
(Note 5)
l
±40
±45
mA
VOS
Input Offset Voltage
l
–6.5
–10
1
6.5
10
mV
mV
TCVOS
Input Offset Voltage Drift
TMIN to TMAX
l
2.5
µV/°C
IVRMIN
Input Voltage Range, MIN
Single-Ended
l
–0.1
V
IVRMAX
Input Voltage Range, MAX
Single-Ended
l
5.1
V
RINDIFF
Differential Input Resistance
l
170
200
240
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1993CUD-2#PBF
LT1993CUD-2#TRPBF
LBJG
16-LEAD (3mm × 3mm) PLASTIC QFN
–40°C to 85°C
LT1993IUD-2#PBF
LT1993IUD-2#TRPBF
LBJG
16-LEAD (3mm × 3mm) PLASTIC QFN
–40°C to 85°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD IS VEE (PIN 17) MUST BE SOLDERED TO THE PCB
9
10
17
VEE
11
12
4
3
2
1
VCCC
VOCM
VCCA
VEEA
VEEC
ENABLE
VCCB
VEEB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com