Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8475
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 5 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LTC6363 Family
5
Rev. C
For more information www.analog.com
LTC6363 Only. The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM = VOCM = VICM =
5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is
defined as (V+OUT – V–OUT). Typical specifications apply to the internal amplifier inside all versions.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆IOS/∆T (Note 8)
Input Offset Current Drift
VS = 3V
VS = 5V
VS = 10V
l
l
l
±30
±30
±30
±150
±150
±150
pA/°C
pA/°C
pA/°C
RIN
Input Resistance
Common Mode
Differential Mode
50
40
MΩ
kΩ
CIN
Input Capacitance
Differential Mode
2
pF
en (Note 7)
Differential Input Noise Voltage
Differential Input Noise Voltage Density
0.1Hz to 10Hz
f = 100kHz (Not Including RI/RF)
2.5
2.9
µVP-P
nV/√Hz
envocm
Common Mode Noise Voltage Density
f = 100kHz
20
nV/√Hz
in
Input Noise Current Density
f = 100kHz (Not Including RI/RF)
0.55
pA/√Hz
VICMR (Note 9)
Input Common Mode Range
VS = 3V
VS = 5V
VS = 10V
l
l
l
0
0
0
1.8
3.8
8.8
V
V
V
CMRRI (Note 7)
Input Common Mode Rejection Ratio
(Input Referred) ∆VICM/∆VOSDIFF
VS = 3V, VICM from 0V to 1.8V
VS = 5V, VICM from 0V to 3.8V
VS = 10V, VICM from 0V to 8.8V
l
l
l
78
85
90
110
115
120
dB
dB
dB
CMRRIO (Note 7)
Output Common Mode Rejection Ratio
(Input Referred) ∆VOCM/∆VOSDIFF
VS = 3V, VOCM from 0.5V to 2.5V
VS = 5V, VOCM from 0.5V to 4.5V
VS = 10V, VOCM from 0.5V to 9.5V
l
l
l
70
80
90
120
120
120
dB
dB
dB
VOUT
Output Voltage, High, Either Output Pin
IL= 0mA, VS = 3V
IL = –5mA, VS = 3V
l
l
2.8
2.75
2.88
2.83
V
V
IL= 0mA, VS = 5V
IL = –5mA, VS = 5V
l
l
4.8
4.75
4.88
4.83
V
V
IL= 0mA, VS = 10V
IL = –5mA, VS = 10V
l
l
9.8
9.7
9.88
9.83
V
V
Output Voltage, Low, Either Output Pin
IL= 0mA, VS = 3V
IL = 5mA, VS = 3V
l
l
0.1
0.15
0.15
0.25
V
V
IL= 0mA, VS = 5V
IL = 5mA, VS = 5V
l
l
0.1
0.15
0.15
0.25
V
V
IL= 0mA, VS = 10V
IL = 5mA, VS = 10V
l
l
0.1
0.15
0.2
0.3
V
V
ISC
Output Short-Circuit Current, Either
Output Pin, Sinking
VS = 3V, Output Shorted to 1.5V
VS = 5V, Output Shorted to 2.5V
VS = 10V, Output Shorted to 5V
l
l
l
12
13
14
25
35
40
mA
mA
mA
Output Short-Circuit Current, Either
Output Pin, Sourcing
VS = 3V, Output Shorted to 1.5V
VS = 5V, Output Shorted to 2.5V
VS = 10V, Output Shorted to 5V
l
l
l
25
27
30
55
75
90
mA
mA
mA
GBW
Gain-Bandwidth Product
fTEST = 200kHz
l
390
230
500
MHz
MHz
f–3dB
–3dB Bandwidth
RI = RF =1k
35
MHz
SR
Slew Rate
Differential 18VP-P Output
75
V/μs
FPBW (Note 11)
Full Power Bandwidth
10VP-P Output
18VP-P Output
2.4
1.3
MHz
MHz
HD2/HD3
2nd/3rd Order Harmonic Distortion
Single-Ended Input
f = 1kHz, VOUT = 18VP-P
f = 10kHz, VOUT = 18VP-P
f = 100kHz, VOUT = 18VP-P
–123/–128
–120/–108
–92/–85
dBc
dBc
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com