Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8475
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8475 Datasheet HTML 13Page - Analog Devices AD8475 Datasheet HTML 14Page - Analog Devices AD8475 Datasheet HTML 15Page - Analog Devices AD8475 Datasheet HTML 16Page - Analog Devices AD8475 Datasheet HTML 17Page - Analog Devices AD8475 Datasheet HTML 18Page - Analog Devices AD8475 Datasheet HTML 19Page - Analog Devices AD8475 Datasheet HTML 20Page - Analog Devices AD8475 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
LTC6363 Family
17
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Applicable to the LTC6363-0.5 only.
Input Noise Voltage Density vs
Frequency
Harmonic Distortion vs Frequency
Harmonic Distortion vs Output
Amplitude
Settling Time vs Output Step
Settling Time to 8VP-P Output
Step
DC Linearity
VS = ±5V
LINEAR FIT FOR –8V ≤ VOUTDIFF ≤ +8V
NO LOAD
VICM = VOCM = 0V
VOUTDIFF (V)
–8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8
–100
–80
–60
–40
–20
0
20
40
60
80
100
6363 G45
G = 0.5
ERROR
VOUTDIFF
VS = 10V, 0V
1 DIV = 18-BIT ERROR OF AN
8VP-P INPUT ADC
TIME (0.5µs/DIV)
–5
–4
–3
–2
–1
0
1
2
3
4
5
–150
–120
–90
–60
–30
0
30
60
90
120
150
6363 G44
FREQUENCY (Hz)
10
100
1k
10k 100k
1M
10M 30M
1
10
100
1000
6363 G40
VS = ±5V
VOCM = 0V
fIN = 2kHz
SINGLE-ENDED INPUT
GROUND REFERENCED
HD3
HD2
VOUTDIFF (VP-P)
2
4
6
8
10 12 14 16 18 20
–140
–130
–120
–110
–100
–90
–80
–70
6363 G42
VS = ±5V
VOCM = 0V
VOUTDIFF = 18VP-P
SINGLE-ENDED INPUT
GROUND REFERENCED
HD2
HD3
FREQUENCY (Hz)
100
1k
10k
100k
–140
–130
–120
–110
–100
–90
–80
–70
6363 G41
VS = 10V, 0V
BIT NUMBERS ARE REFERENCED
TO AN 8VP-P INPUT ADC
G = 0.5
18-BIT
16-BIT
DIFFERENTIAL OUTPUT STEP (VP-P)
2
3
4
5
6
7
8
0
100
200
300
400
500
600
700
800
900
1000
6363 G43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com