Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8475
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 1 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC6363 Family
1
Rev. C
For more information www.analog.com
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Precision, Low Power Differential
Amplifier/ADC Driver Family
The LTC®6363 family consists of four fully differential,
low power, low noise amplifiers with rail-to-rail outputs
optimizedtodriveSARADCs.TheLTC6363isastandalone
differential amplifier, where the gain is typically set using
fourexternalresistors.TheLTC6363-0.5,LTC6363-1,and
LTC6363-2 each have internal matched resistors to create
fixed gain blocks with gains of 0.5V/V, 1V/V, and 2V/V
respectively. Each of the fixed-gain amplifiers features
precision laser trimmed on-chip resistors for accurate,
ultrastable gain and excellent CMRR.
DC-Coupled Interface from a Ground-Referenced
Single-Ended Input to an LTC2378-20 SAR ADC
APPLICATIONS
n
Available with User Settable Gain or Fixed-Gain
of 0.5V/V, 1V/V, or 2V/V
n
2.9nV/√Hz Input-Referred Noise
n
2mA Maximum Supply Current
n
45ppm Max Gain Error
n
0.5ppm/°C Max Gain Error Drift
n
94dB Min CMRR
n
100µV Max Offset Voltage
n
50nA Max Input Offset Current
n
Fast Settling: 720ns to 18-Bit, 8VP-P Output
n
2.8V (±1.4V) to 11V (±5.5V) Supply Voltage Range
n
Differential Rail-to-Rail Outputs
n
Input Common Mode Range Includes Ground
n
Low Distortion: 118dB SFDR at 2kHz, 18VP-P
n
500MHz Gain-Bandwidth Product
n
35MHz –3dB Bandwidth
n
Low Power Shutdown: 20µA (VS = 3V)
n
8-Lead MSOP, 2mm × 3mm 8-Lead DFN and 3mm x
3mm 16-lead LFCSP Packages
n
20-Bit, 18-Bit and 16-Bit SAR ADC Drivers
n
Single-Ended-to-Differential Conversion
n
Low Power ADC Drivers
n
Level Shifter
n
Differential Line Drivers
n
Battery-Powered Instrumentation
LTC6363-1 Driving LTC2378-20
fIN = 2kHz, –1dBFS,131k-Point FFT
VS = 6V, –1V
VOUTDIFF = 8.9VP-P
HD2 = –119.5dBc
HD3 = –128.3dBc
SFDR = 118.3dB
THD = –115.3dB
SNR = 102dB
SINAD = 101.8dB
FREQUENCY (kHz)
0 50 100 150 200 250 300 350 400 450 500
–160
–140
–120
–100
–80
–60
–40
–20
0
6363 TA01b
1050
30.1
30.1
3.3nF
3.3nF
3.3nF
0.1µF
1050
1050
1050
–OUT
+OUT
+IN
–IN
VOCM
SHDN
V+
V–
6V
–1V
LTC6363-1
6V
+
–
V+
AIN+
VREF VDD
5V
LTC2378-20
SAR ADC
2.5V
GND
AIN–
20-BIT
1Msps
6363 TA01a
VIN
V–
Family Selection Table
PART NUMBER
GAIN
CONFIGURATION
LTC6363
User Set
+
–
–OUT
+OUT
+IN
–IN
LTC6363-0.5
0.5V/V
+
–
RF
RF
RI
RI
–OUT
+OUT
+IN
–IN
LTC6363-1
1V/V
LTC6363-2
2V/V


Similar Part No. - AD8475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
AD8475 AD-AD8475 Datasheet
1Mb / 12P
Devices Connected
Rev. 0
AD8475 AD-AD8475 Datasheet
532Kb / 13P
Devices Connected
Rev. 0
AD8475 AD-AD8475 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
AD8475-EVALZ AD-AD8475-EVALZ Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results

Similar Description - AD8475

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Intersil Corporation
ISL28617 INTERSIL-ISL28617 Datasheet
1Mb / 18P
40V Precision Instrumentation Amplifier with Differential ADC Driver
May 25, 2012
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
logo
Intersil Corporation
ISL28617VY25EV1Z INTERSIL-ISL28617VY25EV1Z Datasheet
976Kb / 19P
40V Precision Instrumentation Amplifier with Differential ADC Driver
October 17, 2013
logo
Linear Technology
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
LTC6363 AD-LTC6363 Datasheet
735Kb / 40P
Precision, Low Power Differential Amplifier/ADC
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
logo
Renesas Technology Corp
ISL28617 RENESAS-ISL28617 Datasheet
1Mb / 20P
40V Precision Instrumentation Amplifier with Differential ADC Driver
May 27, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com