Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8475
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8475 Datasheet HTML 16Page - Analog Devices AD8475 Datasheet HTML 17Page - Analog Devices AD8475 Datasheet HTML 18Page - Analog Devices AD8475 Datasheet HTML 19Page - Analog Devices AD8475 Datasheet HTML 20Page - Analog Devices AD8475 Datasheet HTML 21Page - Analog Devices AD8475 Datasheet HTML 22Page - Analog Devices AD8475 Datasheet HTML 23Page - Analog Devices AD8475 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LTC6363 Family
20
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Applicable to the LTC6363-2 only.
Small Signal Step Response
Differential Input Offset Voltage
vs Input Common Mode Voltage
Input Common Mode Rejection
Ratio vs Frequency
Slew Rate vs Temperature
Gain vs Frequency
Typical Distribution of Differential
Gain Drift
Typical Distribution of Differential
Gain Error
Large Signal Step Response
Frequency Peaking vs Load
Capacitance
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
FREQUENCY(Hz)
100k
1M
10M
100M
–6
–3
0
3
6
9
12
6363 G61
VS = ±5V
72 UNITS
DIFFERENTIAL GAIN DRIFT (ppm/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
3
6
9
12
15
18
21
24
27
30
6363 G64
VS = ±5V
FREQUENCY(Hz)
1k
10k
100k
1M
10M
100M
60
70
80
90
100
110
6363 G67
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VINDIFF = 125mVP-P
SINGLE-ENDED INPUT
6363 G68
200ns/DIV
20mV/DIV
V+OUT
V–OUT
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VINDIFF = 9VP-P
SINGLE-ENDED INPUT
LTC6363 G69
400ns/DIV
2V/DIV
V+OUT
V–OUT
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VOUTDIFF = 18VP-P
SINGLE-ENDED INPUT
SLEW MEASURED 10% to 90%
6363 G65
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
35
40
45
50
55
60
VS = ±5V
VOCM = 0V
LTC6363-2
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
INPUT COMMON MODE VOLTAGE (V)
–10 –8 –6 –4 –2
0
2
4
6
8
–500
–400
–300
–200
–100
0
100
200
300
400
500
6363 G66
OUTPUTS MEASURED
AFTER SERIES RESISTORS
label2
label3
VS = ±5V
VICM = VOCM = 0V
RSER = 30Ω
RSER = 10Ω
CAPACITIVE LOAD (pF)
10
100
1000
10000 50000
0
1
2
3
4
5
6
7
8
9
10
6363 G62
VS = ±5V
72 UNITS
DIFFERENTIAL GAIN ERROR (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
6363 G63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com