Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7625
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 1 Page - Analog Devices

  AD7625 Datasheet HTML 1Page - Analog Devices AD7625 Datasheet HTML 2Page - Analog Devices AD7625 Datasheet HTML 3Page - Analog Devices AD7625 Datasheet HTML 4Page - Analog Devices AD7625 Datasheet HTML 5Page - Analog Devices AD7625 Datasheet HTML 6Page - Analog Devices AD7625 Datasheet HTML 7Page - Analog Devices AD7625 Datasheet HTML 8Page - Analog Devices AD7625 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC6228/LTC6229
1
Rev. B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
0.88nV/√Hz 730MHz, 500V/µs,
Low Distortion Rail-to-Rail Output Op
Amps with Shutdown
The LTC®6228/LTC6229 are single/dual very fast, low
noise rail-to-rail output, unity gain stable op amps. They
have a gain-bandwidth product of 890MHz and a slew rate
of 500V/μs. The low input referred voltage noise of only
0.88nV/√Hz and low distortion performance of better than
−100dB at 4VP-P even for signals as fast as 2MHz make
them ideal for applications that require high dynamic
range and deal with high slew rate signals, such as driving
A/D converters. Additional features include Shutdown and
the ability to enable/disable internal bias current cancel-
lation to optimize noise performance.
The combination of low offset, low offset drift, high gain
and high CMRR make the LTC6228 family the superior
choice for wide dynamic range applications.
The LTC6228 family maintains excellent performance for
supply voltages of 2.8V to 11.75V and the devices are
specified at supplies of 3V, 5V and 10V(±5V). With an
input range extending to the negative rail and an out-
put range that encompasses the entire supply range, the
operational amplifier can accommodate wide swinging
signals, and single supply operation.
For space constrained PCB layouts, the LTC6228 is avail-
able in a 2mm × 2mm DFN and the LTC6229 is available in a
3mm × 3mm DFN. The amplifiers are also available in con-
ventional leaded packages. These amplifiers can be used
as improved replacements for many high speed op amps
to improve speed, noise, distortion and dynamic range.
LTC6228 Based Driver for the LTC2387-18 SAR ADC
APPLICATIONS
n
Ultra Low Voltage Noise: 0.88nV/√Hz
n
Low Distortion at High Speeds:
HD2/HD3 < −100dBc (Av = +1, 4VP-P, 2MHz, RL = 1kΩ)
n
High Slew Rate: 500V/μs
n
GBW = 890MHz
n
–3dB Frequency (AV = +1): 730MHz
n
Input Offset Voltage: 250μV Max Across Temperature
n
Offset Drift :0.4μV/°C
n
Input Common Mode Range Includes Negative Rail
n
Output Swings Rail-to-Rail
n
Supply Current: 16mA/Channel Typ
n
Shutdown Supply Current = 500µA
n
Operating Supply Range: 2.8V to 11.75V
n
Large Output Current: 80mA Min
n
Very High Open Loop Gain: 5.6V/μV (135dB), RL = 1kΩ
n
Operating Temp Range: –40°C to 125°C
n
Singles in 8-Lead SOIC, TSOT-23, DC-6, Duals in
DD10, MS8
n
Optical Electronics: Fast Transimpedance Amplifiers
n
Driving High Dynamic Range A/D Converters
n
Active Filters
n
Video Amplifiers
n
High Speed Differential to Single-Ended Conversion
n
Low Voltage Hi-Fi Amplification
All registered trademarks and trademarks are the property of their respective owners.
–
+
0.1µF
LTC6228
25
IN–
IN+
VCM
CLK
82pF
4.096V
0V
82pF
6228 TA01a
LTC2387-18
DCO
DA
LVDS
INTERFACE
DB
TWOLANES
TESTPAT
PD
SAMPLE
CLOCK
CNV
REFB
–
+
LTC6228
25
4.096V
0V
7.5V
–2.5V
System Performance: 2 x LTC6228 Driving LTC2387-18
8192 Point FFT, –1dBFS
fSMPL = 15Msps, fIN = 1MHz
7.3VP-P 1MHz INPUT SIGNAL
SNR = 93.4dB
SFDR = 95dB
THD = –93.8dB
FREQUENCY (MHz)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
–140
–120
–100
–80
–60
–40
–20
0
6228 TA02


Similar Part No. - AD7625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7625 AD-AD7625 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7625 AD-AD7625 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
More results

Similar Description - AD7625

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
logo
Intersil Corporation
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
Low Distortion Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
Linear Technology
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com