Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7625
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7625 Datasheet HTML 18Page - Analog Devices AD7625 Datasheet HTML 19Page - Analog Devices AD7625 Datasheet HTML 20Page - Analog Devices AD7625 Datasheet HTML 21Page - Analog Devices AD7625 Datasheet HTML 22Page - Analog Devices AD7625 Datasheet HTML 23Page - Analog Devices AD7625 Datasheet HTML 24Page - Analog Devices AD7625 Datasheet HTML 25Page - Analog Devices AD7625 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC6228/LTC6229
22
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 6. High Speed Low Voltage Low Noise Instrumentation Amplifier
Figure 7. Instrumentation Amplifier Frequency Response
Figure 9. Transient Response
U2
1/2 LTC6229
–IN
6228 F06
–
+
U1
1/2 LTC6229
R4
750
R6
750
R5
750
R7
750
+IN
VS+
VOUT
VS = ±1.65V
GAIN = 41V/V
ISUPPLY = 49mA
BW = 24MHz
en (1MHz) = 1.79nV/√Hz
VS+
VS–
VS–
R2
1.2k
R3
1.2k
R1
30
R8
30
R9
49.9
C2
200pF
–
+
U3
LTC6228
C1
2.2pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M 500M
–40
–30
–20
–10
0
10
20
30
40
6228 F07
FREQUENCY (Hz)
10k
100k
1M
10M
100M 500M
0
10
20
30
40
50
60
70
80
90
100
6228 F08
Figure 8. Instrumentation Amplifier CMRR
50ns/DIV
OUTPUT
1V/DIV
0V
INPUT
25mV/DIV
0V
6228 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com