Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7625
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7625 Datasheet HTML 8Page - Analog Devices AD7625 Datasheet HTML 9Page - Analog Devices AD7625 Datasheet HTML 10Page - Analog Devices AD7625 Datasheet HTML 11Page - Analog Devices AD7625 Datasheet HTML 12Page - Analog Devices AD7625 Datasheet HTML 13Page - Analog Devices AD7625 Datasheet HTML 14Page - Analog Devices AD7625 Datasheet HTML 15Page - Analog Devices AD7625 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC6228/LTC6229
12
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
Minimum Supply Voltage
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
Output Short Circuit vs Supply
Voltage
Open Loop Gain, VS = ±5V
Open Loop Gain, VS = ±2.5V
Open Loop Gain, VS = ±1.5V
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = 2
VCM = 1V
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
2 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
–200
–160
–120
–80
–40
0
40
80
120
160
200
6228 G19
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
6228 G20
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
6228 G21
SOURCE
SINK
TA = –55°C
TA = –55°C
TA = 25°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 85°C
TA = 85°C
TOTAL SUPPLY VOLTAGE (V)
2.8 3.7 4.6 5.5 6.4 7.3 8.2 9.1 10.0 10.9 11.8
–150
–110
–70
–30
10
50
90
130
170
210
250
vs Supply Voltage
Output Short Circuit
6228 G22
TA = 25°C
RL = 1kΩ
RL = 100Ω
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–40
–32
–24
–16
–8
0
8
16
24
32
40
6228 G23
OUTPUT VOLTAGE (V)
–2.5 –2 –1.5 –1 –0.5 0 0.5 1 1.5 2 2.5
–40
–32
–24
–16
–8
0
8
16
24
32
40
6228 G24
TA = 25°C
RL = 1kΩ
RL = 100Ω
OUTPUT VOLTAGE (V)
–1.5
–1
–0.5
0
0.5
1
1.5
–40
–32
–24
–16
–8
0
8
16
24
32
40
6228 G25
TA = 25°C
RL = 1kΩ
RL = 100Ω
VS = ±5V
RL = 1kΩ
TA = 25°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–12
–10
–8
–6
–4
–2
0
2
4
6228 G26
RF = RG = 301Ω CF = 2.7pF
VS = ±5V
RL = 1kΩ
TA = 25°C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
6228 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com