Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7625
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7625 Datasheet HTML 11Page - Analog Devices AD7625 Datasheet HTML 12Page - Analog Devices AD7625 Datasheet HTML 13Page - Analog Devices AD7625 Datasheet HTML 14Page - Analog Devices AD7625 Datasheet HTML 15Page - Analog Devices AD7625 Datasheet HTML 16Page - Analog Devices AD7625 Datasheet HTML 17Page - Analog Devices AD7625 Datasheet HTML 18Page - Analog Devices AD7625 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTC6228/LTC6229
15
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
SHDN Pin Response Time
Large Signal Response
Small Signal Response
Output Overdrive Recovery
SHDN Pin Response Time
VS = ±5V
TA=25°C
AV=1
1µs/DIV
Output
0V
500mV/DIV
Input
0V
500mV/DIV
SHDN
2.25V
1V/DIV
6228 G46
Large Signal Response
VS = ±5V
AV=1
RL=1kΩ
TA=25°C
20ns/DIV
0V
1.5V/DIV
6228 G47
Small Signal Response
VS = ±5V
RL=1k
AV=1
TA=25°C
5ns/DIV
Input
0
50mV/DIV
Output
0
50mV/DIV
6228 G48
Output Overdrive Recovery
VS = ±5V
AV=2
RF=RG=500Ω
CF=2.7pF
RL=1kΩ
TA=25°C
Output
Input
25ns/DIV
Output
2V/DIV
Input
1V/DIV
6228 G49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com