Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 5 Page - Analog Devices

Part # LT6201
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 5 Page - Analog Devices

  LT6201 Datasheet HTML 1Page - Analog Devices LT6201 Datasheet HTML 2Page - Analog Devices LT6201 Datasheet HTML 3Page - Analog Devices LT6201 Datasheet HTML 4Page - Analog Devices LT6201 Datasheet HTML 5Page - Analog Devices LT6201 Datasheet HTML 6Page - Analog Devices LT6201 Datasheet HTML 7Page - Analog Devices LT6201 Datasheet HTML 8Page - Analog Devices LT6201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC6246/LTC6247/LTC6248
5
Rev C
For more information www.analog.com
(VS = 2.7V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISHDNH
SHDN Pin Current High
VSHDN = 2V
l
–300
–350
35
300
350
nA
nA
VL
SHDN Pin Input Voltage Low
l
0.8
V
VH
SHDN Pin Input Voltage High
l
2
V
IOSD
Output Leakage Current Magnitude in
Shutdown
VSHDN = 0.8V, Output Shorted to Either
Supply
100
nA
tON
Turn-On Time
VSHDN = 0.8V to 2V
5
µs
tOFF
Turn-Off Time
VSHDN = 2V to 0.8V
2
µs
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1k to Half Supply
120
MHz
GBW
Gain-Bandwidth Product
f = 2MHz, RL = 1k to Half Supply
l
100
70
180
MHz
MHz
tS, 0.1%
Settling Time to 0.1%
AV = –1, VO = 2V Step RL = 1k
74
ns
tS, 0.01%
Settling Time to 0.01%
AV = –1, VO = 2V Step RL = 1k
202
ns
SR
Slew Rate
AV = –3.33, 4.6V Step (Note 11)
l
60
50
90
V/µs
V/µs
FPBW
Full Power Bandwidth
VOUT = 4VP-P (Note 13)
4
MHz
HD2/HD3
Harmonic Distortion
RL = 1k to Half Supply
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 2VP-P
110/90
88/80
78/62
dBc
dBc
dBc
RL = 100Ω to Half Supply
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 2VP-P
90/79
66/60
59/51
∆G
Differential Gain (Note 14)
AV = 1, RL = 1k, VS = ±2.5V
0.2
%
∆θ
Differential Phase (Note 14)
AV = 1, RL = 1k, VS = ±2.5V
0.08
Deg
Crosstalk
AV = –1, RL = 1k to Half Supply,
VOUT = 2VP-P, f = 1MHz
–90
dB
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
l
–100
–300
500
1000
1400
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–1.75
–2.25
0.75
3.25
3.75
mV
mV
∆VOS
Input Offset Voltage Match
(Channel-to-Channel) (Note 8)
VCM = Half Supply
l
–700
–1000
–20
700
1000
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–3.5
–4
0.1
3.5
4
mV
mV
VOS TC
Input Offset Voltage Drift
l
2
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com