Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 18 Page - Analog Devices

Part # LT6201
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT6201 Datasheet HTML 14Page - Analog Devices LT6201 Datasheet HTML 15Page - Analog Devices LT6201 Datasheet HTML 16Page - Analog Devices LT6201 Datasheet HTML 17Page - Analog Devices LT6201 Datasheet HTML 18Page - Analog Devices LT6201 Datasheet HTML 19Page - Analog Devices LT6201 Datasheet HTML 20Page - Analog Devices LT6201 Datasheet HTML 21Page - Analog Devices LT6201 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC6246/LTC6247/LTC6248
18
Rev C
For more information www.analog.com
Thisisnotthelowestnoiseconfigurationforatransistor,as
downstream noise sources appear at the input completely
unattenuated. At low frequency, this is not a concern for a
transimpedance amplifier because the noise gain is 1 and
theoutputnoiseisdominatedbythe130nV/√Hzofthe1MΩ
R1. However, at increasing frequencies the capacitance
of the photodiode comes into play and the circuit noise
gain rises as the 1MΩ feedback looks back into lower and
lower impedance. But capacitor C2 comes to the rescue.
In addition to the obvious quenching of noise source R3,
capacitor C2 increases the JFET gain to about 30 at high
frequency effectively attenuating the downstream noise
contributions of R2 and the op amp input noise. Thus the
circuit achieves low input voltage noise at high frequency
where it is most needed. Amplifier LT6003 is used to
buffer the output voltage of the photodiode and R7 and
C4 are used to filter out the voltage noise of the LT6003.
Bandwidth to 700kHz was achieved with this circuit, with
integratedoutputnoisebeing160µVRMSupto1MHz.Total
supply current was a very low 2.2mA.
TYPICAL APPLICATIONS
60dB 5.5MHz Gain Block
Figure 6 shows the LTC6247 configured as a low power
high gain high bandwidth block. Two amplifiers each
configured with a gain of 31V/V, are cascaded in series.
A 660nF capacitor is used to limit the DC gain of the block
to around 30dB to minimize output offset voltage. Figure 7
shows the frequency response of the block. Mid-band
voltage gain is approximately 60dB with a –3dB frequency
of 5.5MHz, thus resulting in a gain-bandwidth product
of 5.5GHz with only 1.9mA of quiescent supply current.
Single 2.7V Supply 4MHz 4th Order Butterworth Filter
Benefitting from low voltage operation and rail-to-rail
output, a low power filter that is suitable for antialiasing
can be built as shown in Figure 8. On a 2.7V supply the
filter has a passband of approximately 4MHz with 2VP-P
input signal and a stopband attenuation that is greater
than –75dB at 43MHz as shown in Figure 9. The resistor
and capacitor values can be scaled to reduce noise at the
cost of large signal power consumption and distortion.
624678 F06
1k
2.5V
–2.5V
2.5V
–2.5V
VIN
1/2LTC6247
50
1.5k
1/2LTC6247
660nF
VOUT
30k
Figure 6. 60dB 5.5MHz Gain Block
FREQUENCY (kHz)
10k
65
60
50
40
30
55
45
35
25
20
1M
100k
10M
624678 F07
VS = ±2.5V
VIN = 4.5mVP-P
RL = 1k
DC GAIN = 30dB
(DUE TO 660nF DC BLOCKING CAP)
OUTPUT OFFSET = 4mV
Figure 7
Figure 8. Single 2.7V Supply 4MHz
4th Order Butterworth Filter
624678 F08
56pF
VIN
1.1k
2.3k
1/2LTC6247
12pF
2.7k
2.7V
1.2V
910
910
1/2LTC6247
120pF
2.7V
VOUT
5.6pF
1.1k
FREQUENCY (kHz)
10k
10
–10
–30
–50
–70
–20
–40
–60
–80
–90
0
–100
100k
10M
1M
624678 F09
100M
VS = 2.7V, 0V
VIN = 2VP-P
RL = 1kΩ to 0V
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com