Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 11 Page - Analog Devices

Part # LT6201
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT6201 Datasheet HTML 7Page - Analog Devices LT6201 Datasheet HTML 8Page - Analog Devices LT6201 Datasheet HTML 9Page - Analog Devices LT6201 Datasheet HTML 10Page - Analog Devices LT6201 Datasheet HTML 11Page - Analog Devices LT6201 Datasheet HTML 12Page - Analog Devices LT6201 Datasheet HTML 13Page - Analog Devices LT6201 Datasheet HTML 14Page - Analog Devices LT6201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC6246/LTC6247/LTC6248
11
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Open Loop Gain and Phase
vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
FREQUENCY (Hz)
624678 G28
80
10
20
30
40
50
60
70
–10
0
–20
150
0
50
100
–50
–100
100k
100M 300M
10M
1M
TA = 25°C
RL = 1k
VS = ±2.5V
PHASE
GAIN
VS = ±1.35V
VS = ±2.5V
VS = ±1.35V
TOTAL SUPPLY VOLTAGE (V)
2.5
200
180
160
140
120
100
70
60
50
3
3.5
4.5
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
624678 G29
TA = 25°C
RL = 1k
5
4
TEMPERATURE (°C)
–55
300
250
200
150
100
60
70
50
40
–35 –15
45
25
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
624678 G30
125
TA = 25°C
RL = 1k
65 85 105
5
VS = ±2.5V
VS = ±1.35V
VS = ±2.5V
VS = ±1.35V
Power Supply Rejection Ratio
vs Frequency
Series Output Resistor
vs Capacitive Load (AV = 1)
Series Output Resistor
vs Capacitive Load (AV = 2)
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
Slew Rate vs Temperature
FREQUENCY (Hz)
624678 G31
1000
10
100
1
0.1
0.01
0.001
100k
100M
1G
10M
1M
VS = ±2.5V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
624678 G31
110
90
80
70
60
50
40
30
100
20
10
0
–10
10 100 1k 10k 100k
100M 1G
10M
1M
TA = 25°C
VS = ±2.5V
FREQUENCY (Hz)
10
50
40
30
20
10
70
80
60
0
–10
100 1k
100k
NEGATIVE SUPPLY
POSITIVE SUPPLY
624678 G33
VS = ±2.5V
TA = 25°C
100M
10M
1M
10k
TEMPERATURE (°C)
–55
140
FALLING, VS = ±2.5V
RISING, VS = ±2.5V
FALLING, VS = ±1.35V
RISING, VS = ±1.35V
120
100
80
60
40
–35
45
25
5
–15
85
624678 G34
125
AV = –1, RL = 1k, VOUT = 4VP-P (±2.5V),
2VP-P (±1.35V) SLEW RATE MEASURED
AT MIDDLE 2/3 OF OUTPUT
105
65
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
10000
1000
624678 G35
VS = ±2.5V
VOUT = 100mVP-P
AV = 1
RS = 20Ω
RS = 49.9Ω
RS = 10Ω
RS
CL
VOUT
VIN
AV = 1
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
10000
1000
624678 G36
VS = ±2.5V
VOUT = 200mVP-P
RF = RG = 500,
AV = 2
RS = 20Ω
RS = 49.9Ω
RS
500Ω
500Ω
CL
VOUT
VIN
AV = 2
RS = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com