Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 14 Page - Analog Devices

Part # LT6201
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT6201 Datasheet HTML 10Page - Analog Devices LT6201 Datasheet HTML 11Page - Analog Devices LT6201 Datasheet HTML 12Page - Analog Devices LT6201 Datasheet HTML 13Page - Analog Devices LT6201 Datasheet HTML 14Page - Analog Devices LT6201 Datasheet HTML 15Page - Analog Devices LT6201 Datasheet HTML 16Page - Analog Devices LT6201 Datasheet HTML 17Page - Analog Devices LT6201 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC6246/LTC6247/LTC6248
14
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
Circuit Description
TheLTC6246/LTC6247/LTC6248haveaninputandoutput
signal range that extends from the negative power supply
to the positive power supply. Figure 1 depicts a simplified
schematic of the amplifier. The input stage is comprised
of two differential amplifiers, a PNP stage, Q1/Q2, and an
NPN stage, Q3/Q4 that are active over different common
mode input voltages. The PNP stage is active between
the negative supply to nominally 1.2V below the posi-
tive supply. As the input voltage approaches the positive
supply, the transistor Q5 will steer the tail current, I1, to
the current mirror, Q6/Q7, activating the NPN differential
pair and the PNP pair becomes inactive for the remain-
ing input common mode range. Also, at the input stage,
devices Q17 to Q19 act to cancel the bias current of the
PNP input pair. When Q1/Q2 are active, the current in
Q16 is controlled to be the same as the current in Q1 and
Q2. Thus, the base current of Q16 is nominally equal to
the base current of the input devices. The base current
of Q16 is then mirrored by devices Q17 to Q19 to cancel
the base current of the input devices Q1/Q2. A pair of
complementarycommonemitterstages, Q14/Q15,enable
the output to swing from rail-to-rail.
Figure 1. LTC6246/LTC6247/LTC6248 Simplified Schematic Diagram
–IN: Inverting Input of Amplifier. Valid input range from V–
to V+.
+IN: Non-Inverting Input of Amplifier. Valid input range
from V– to V+.
V+ : Positive Supply Voltage. Allowed applied voltage
ranges from 2.5V to 5.25V when V– = 0V.
V–:NegativeSupplyVoltage.Typically0V.Thiscanbemade
a negative voltage as long as 2.5V ≤ (V+ – V–) ≤ 5.25V.
SHDN: Active Low Shutdown. Threshold is typically 1.1V
referenced to V–. Floating this pin will turn the part on.
OUT:AmplifierOutput.Swingsrail-to-railandcantypically
source/sink over 50mA of current at a total supply of 5V.
PIN FUNCTIONS
624678 F01
Q15
ESDD5
Q14
C2
C1
BUFFER
AND
OUTPUT BIAS
R5
R4
Q13
Q12
I3
V–
+
CC
Q8
R3
Q11
Q9
Q10
R2
R1
Q2
Q1
Q3
Q4
I1
+
I2
+
VBIAS
Q5
Q6
Q19
Q7
D8
D7
Q18
Q17
D6
D5
ESDD2
V–
ESDD1
V+
ESDD4
V–
ESDD3
V+
Q16
V–
V+
+IN
–IN
ESDD6
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com