Electronic Components Datasheet Search
  English  ▼

X  

C8051F062 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 61Page - Silicon Laboratories C8051F062 Datasheet HTML 62Page - Silicon Laboratories C8051F062 Datasheet HTML 63Page - Silicon Laboratories C8051F062 Datasheet HTML 64Page - Silicon Laboratories C8051F062 Datasheet HTML 65Page - Silicon Laboratories C8051F062 Datasheet HTML 66Page - Silicon Laboratories C8051F062 Datasheet HTML 67Page - Silicon Laboratories C8051F062 Datasheet HTML 68Page - Silicon Laboratories C8051F062 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
65
Figure 5.16. ADC1H: ADC1 Data Word MSB Register
Bits 7-0: ADC1 Data Word High-Order Bits.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
SFR Page:
0xBF
1
Figure 5.17. ADC1L: ADC1 Data Word LSB Register
Bits 7-0: ADC1 Data Word Low-Order Bits.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
SFR Page:
0xBE
1
Figure 5.18. ADC1 Data Word Example
16-bit ADC1 Data Word appears in the ADC1 Data Word Registers as follows:
Example: ADC1 Data Word Conversion Map, AIN1 Input in Single-Ended Mode
(AMX1SL = 0x00)
; ‘n’ = 16
For differential mode, the differential data word appears in ADC0H and ADC0L. The single-
ended ADC1 results are always present in ADC1H and ADC1L, regardless of the operating
mode.
AIN1-AIN1G (Volts)
ADC1H:ADC1L
VREF * (65535/65536)
0xFFFF
VREF / 2
0x8000
VREF * (32767/65536)
0x7FFF
00x0000
Code
Vin
Gain
VREF
---------------
×
2n
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com