Electronic Components Datasheet Search
  English  ▼

X  

C8051F062 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F062 Datasheet HTML 1Page - Silicon Laboratories C8051F062 Datasheet HTML 2Page - Silicon Laboratories C8051F062 Datasheet HTML 3Page - Silicon Laboratories C8051F062 Datasheet HTML 4Page - Silicon Laboratories C8051F062 Datasheet HTML 5Page - Silicon Laboratories C8051F062 Datasheet HTML 6Page - Silicon Laboratories C8051F062 Datasheet HTML 7Page - Silicon Laboratories C8051F062 Datasheet HTML 8Page - Silicon Laboratories C8051F062 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 328 page
background image
Mixed Signal ISP Flash MCU Family
C8051F060/1/2/3/4/5/6/7
Preliminary Rev. 1.2 7/04
Copyright © 2004 by Silicon Laboratories
C8051F060/1/2/3/4/5/6/7
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
Two 16-Bit SAR ADCs
•
16-bit resolution
•
±0.75 LSB INL, guaranteed no missing codes
•
Programmable throughput up to 1 Msps
•
Operate as two single-ended or one differential con-
verter
•
Direct memory access; data stored in RAM without
software overhead
•
Data-dependent windowed interrupt generator
-
10-bit SAR ADC (C8051F060/1/2/3)
•
Programmable throughput up to 200 ksps
•
8 external inputs, single-ended or differential
•
Built-in temperature sensor
-
Two 12-bit DACs (C8051F060/1/2/3)
•
Can synchronize outputs to timers for jitter-free wave-
form generation
-
Three Analog Comparators
•
Programmable hysteresis/response time
-
Voltage Reference
-
Precision VDD Monitor/Brown-Out Detector
On-Chip JTAG Debug & Boundary Scan
-
On-chip debug circuitry facilitates full-speed, non-
intrusive in-circuit/in-system debugging
-
Provides breakpoints, single-stepping, watchpoints,
stack monitor; inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
IEEE1149.1 compliant boundary scan
-
Complete development kit
High Speed 8051
µC Core
-
Pipelined instruction architecture; executes 70% of
instruction set in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Flexible Interrupt sources
Memory
-
4352 Bytes internal data RAM (4 k + 256)
-
64 kB (C8051F060/1/2/3/4/5), 32 kB (C8051F066/7)
Flash; In-system programmable in 512-byte sectors
-
External 64 kB data memory interface with multi-
plexed and non-multiplexed modes (C8051F060/2/
4/6)
Digital Peripherals
-
59 general purpose I/O pins (C8051F060/2/4/6)
-
24 general purpose I/O pins (C8051F061/3/5/7)
-
Bosch Controller Area Network (CAN 2.0B -
C8051F060/1/2/3)
-
Hardware SMBus™ (I2C™ Compatible), SPI™, and
two UART serial ports available concurrently
-
Programmable 16-bit counter/timer array with
6 capture/compare modules
-
5 general purpose 16-bit counter/timers
-
Dedicated watchdog timer; bi-directional reset pin
Clock Sources
-
Internal calibrated precision oscillator: 24.5 MHz
-
External oscillator: Crystal, RC, C, or clock
Supply Voltage .......................... 2.7 to 3.6 V
-
Multiple power saving sleep and shutdown modes
100-Pin and 64-Pin TQFP Packages Available
Temperature Range: -40 to +85 °C
JTAG
64/32 kB
ISP FLASH
4352 B
SRAM
SANITY
CONTROL
16-bit
1 Msps
ADC
CLOCK
CIRCUIT
TEMP
SENSOR
ANALOGPERIPHERALS
Port 0
Port 1
Port 2
DIGITALI/O
HIGH-SPEED CONTROLLER CORE
DEBUG
CIRCUITRY
22
INTERRUPTS
8051CPU
(25MIPS)
10-bit
200ksps
ADC
Port 4
Port 5
Port 6
Port 7
100 pin Only
UART0
SMBus
SPI Bus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Timer 4
UART1
CAN 2.0B
C8051F060/1/2/3
VREF
DMA
Interface
16-bit
1 Msps
ADC
12-Bit
DAC
VOLTAGE
COMPARATOR
S
12-Bit
DAC
Port 3
+
-
+
-
+
-
C8051F060/1/2/3Only


Similar Part No. - C8051F062

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
5Mb / 330P
8K ISP FLASH MCU Family
Rev. 1.3
C8051F062-GQ SILABS-C8051F062-GQ Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
More results

Similar Description - C8051F062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com