Electronic Components Datasheet Search
  English  ▼

X  

C8051F062 Datasheet(PDF) 89 Page - Silicon Laboratories

Part # C8051F062
Description  Mixed Signal ISP Flash MCU Family
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F062 Datasheet(HTML) 89 Page - Silicon Laboratories

Back Button C8051F062 Datasheet HTML 85Page - Silicon Laboratories C8051F062 Datasheet HTML 86Page - Silicon Laboratories C8051F062 Datasheet HTML 87Page - Silicon Laboratories C8051F062 Datasheet HTML 88Page - Silicon Laboratories C8051F062 Datasheet HTML 89Page - Silicon Laboratories C8051F062 Datasheet HTML 90Page - Silicon Laboratories C8051F062 Datasheet HTML 91Page - Silicon Laboratories C8051F062 Datasheet HTML 92Page - Silicon Laboratories C8051F062 Datasheet HTML 93Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 328 page
background image
C8051F060/1/2/3/4/5/6/7
Rev. 1.2
89
7.2.
Modes of Operation
ADC2 has a maximum conversion speed of 200 ksps. The ADC2 conversion clock is a divided version of
the system clock, determined by the AD2SC bits in the ADC2CF register (system clock divided by (AD2SC
+ 1) for 0
≤ AD2SC ≤ 31). The ADC2 conversion clock should be no more than 3 MHz.
7.2.1. Starting a Conversion
A conversion can be initiated in one of four ways, depending on the programmed states of the ADC2 Start
of Conversion Mode bits (AD2CM1-0) in register ADC2CN. Conversions may be initiated by one of the fol-
lowing:
1. Writing a ‘1’ to the AD2BUSY bit of register ADC2CN
2. A Timer 3 overflow (i.e. timed continuous conversions)
3. A rising edge on the CNVSTR2 input signal (Assigned by the crossbar)
4. A Timer 2 overflow
When CNVSTR2 is used as a conversion start source, it must be enabled in the crossbar, and the corre-
sponding pin must be set to open-drain, high-impedance mode (see Section “18. Port Input/Output” on
page 203 for more details on Port I/O configuration).
Writing a ‘1’ to AD2BUSY provides software control of ADC2 whereby conversions are performed "on-
demand". During conversion, the AD2BUSY bit is set to logic 1 and reset to logic 0 when the conversion is
complete. The falling edge of AD2BUSY triggers an interrupt (when enabled) and sets the ADC2 interrupt
flag (AD2INT). Note: When polling for ADC conversion completions, the ADC2 interrupt flag (AD2INT)
should be used. Converted data is available in the ADC2 data registers, ADC2H and ADC2L, when bit
AD2INT is logic 1. Note that when Timer 2 or Timer 3 overflows are used as the conversion source, low
byte overflows are used if the timer is in 8-bit mode; and high byte overflows are used if the timer is in 16-
bit mode. See Section “24. Timers” on page 287 for timer configuration.
0
-50
50
100
Temperature (Celsius)
V
TEMP = (Slope x TempC) + Offset
Offset (V at 0 Celsius)
Slope (V / deg C)
Temp
C = (VTEMP- Offset) / Slope
Figure 7.2. Temperature Sensor Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com