| Electronic Components Datasheet Search |
|
C8051F062 Datasheet(PDF) 87 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F062 Datasheet(HTML) 87 Page - Silicon Laboratories |
|
87 / 328 page ![]() C8051F060/1/2/3/4/5/6/7 Rev. 1.2 87 7. 10-Bit ADC (ADC2, C8051F060/1/2/3) The ADC2 subsystem for the C8051F060/1/2/3 consists of an analog multiplexer (referred to as AMUX2), and a 200 ksps, 10-bit successive-approximation-register ADC with integrated track-and-hold and pro- grammable window detector (see block diagram in Figure 7.1). The AMUX2, data conversion modes, and window detector can all be configured from within software via the Special Function Registers shown in Figure 7.1. ADC2 operates in both Single-ended and Differential modes, and may be configured to mea- sure any of the pins on Port 1, or the Temperature Sensor output. The ADC2 subsystem is enabled only when the AD2EN bit in the ADC2 Control register (ADC2CN) is set to logic 1. The ADC2 subsystem is in low power shutdown when this bit is logic 0. 10-Bit SAR ADC TEMP SENSOR 10 9-to-1 AMUX (SE or DIFF) AV+ 20 10 AD2EN AIN2.0 AIN2.1 AIN2.2 AIN2.3 AIN2.4 AIN2.5 AIN2.6 AIN2.7 Start Conversion AGND ADC2LTL ADC2LTH ADC2GTL ADC2GTH Timer 3 Overflow Timer 2 Overflow 00 01 10 11 AD2BUSY (W) CNVSTR2 AD2WINT Comb. Logic AMX2SL AMX2CF ADC2CF ADC2CN Figure 7.1. ADC2 Functional Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |