Electronic Components Datasheet Search
  English  ▼

X  

TEA6321 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA6321
Description  Sound fader control circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6321 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA6321 Datasheet HTML 4Page - NXP Semiconductors TEA6321 Datasheet HTML 5Page - NXP Semiconductors TEA6321 Datasheet HTML 6Page - NXP Semiconductors TEA6321 Datasheet HTML 7Page - NXP Semiconductors TEA6321 Datasheet HTML 8Page - NXP Semiconductors TEA6321 Datasheet HTML 9Page - NXP Semiconductors TEA6321 Datasheet HTML 10Page - NXP Semiconductors TEA6321 Datasheet HTML 11Page - NXP Semiconductors TEA6321 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1995 Dec 19
8
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6321
Pno(rms)
noise output power (RMS value)
only contribution of TEA6321;
power amplifier for 6 W
mute position; note 1
−−
10
nW
α
ct
crosstalk
between bus
inputs and signal outputs
note 2
−
110
−
dB
Source selector
Zi
input impedance
25
35
45
k
Ω
α
S
input isolation of one selected
source to any other input
f = 1 kHz
−
105
−
dB
f = 12.5 kHz
−
95
−
dB
Vi(rms)
maximum input voltage
(RMS value)
THD
< 0.5%; VCC = 8.5 V
−
2.15
−
V
THD
< 0.5%; V
CC = 7.5 V
−
1.8
−
V
Voffset
DC offset voltage at source
selector output by selection of any
inputs
−−
10
mV
Zo
output impedance
−
80
120
Ω
RL
output load resistance
10
−−
k
Ω
CL
output load capacity
0
−
2500
pF
Gv
voltage gain, source selector
−
0
−
dB
Control part (source selector disconnected; source resistance 600
Ω)
Zi
input impedance volume input
100
150
200
k
Ω
input impedance loudness input
25
33
40
k
Ω
Zo
output impedance
−
80
120
Ω
RL
output load resistance
2
−−
k
Ω
CL
output load capacity
0
−
10
nF
RDCL
DC load resistance at output to
ground
4.7
−−
k
Ω
Vi(rms)
maximum input voltage
(RMS value)
THD
< 0.5%
−
2.15
−
V
Vno
noise output voltage
CCIR468-2 weighted; quasi
peak
Gv =20dB
−
110
220
µV
Gv =0dB
−
33
50
µV
Gv = −66 dB
−
13
22
µV
mute position
−
10
−µV
CRtot
total continuous control range
−
106
−
dB
recommended control range
−
86
−
dB
Gstep
step resolution
−
1
−
dB
step error between any adjoining
step
−−
0.5
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
20
V
bus p
p
–
()
V
o rms
()
---------------------------
log






Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com