Electronic Components Datasheet Search
  English  ▼

X  

TEA6321 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TEA6321
Description  Sound fader control circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6321 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TEA6321 Datasheet HTML 14Page - NXP Semiconductors TEA6321 Datasheet HTML 15Page - NXP Semiconductors TEA6321 Datasheet HTML 16Page - NXP Semiconductors TEA6321 Datasheet HTML 17Page - NXP Semiconductors TEA6321 Datasheet HTML 18Page - NXP Semiconductors TEA6321 Datasheet HTML 19Page - NXP Semiconductors TEA6321 Datasheet HTML 20Page - NXP Semiconductors TEA6321 Datasheet HTML 21Page - NXP Semiconductors TEA6321 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1995 Dec 19
18
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6321
Table 6
Treble setting
Notes
1. Recommended data word for step 0 dB.
2. Result of 1.5 dB boost and 1.5 dB attenuation.
3. The last eight treble control data words select treble output.
4. The last treble control and bass control data words (00000) enable the external equalizer connection.
Gtreble
(dB)
DATA
TR4
TR3
TR2
TR1
TR0
+12.0
11111
+10.5
11110
+12.0
11101
+10.5
11100
+12.0
11011
+10.5
11010
+12.0
11001
+10.5
11000
+9.0
10111
+7.5
10110
+6.0
10101
+4.5
10100
+3.0
10011
+1.5
10010
0(1)
10001
0(2)
10000
−1.5
01111
−3.0
01110
−4.5
01101
−6.0
01100
−7.5
01011
−9.0
01010
−10.5
01001
−12.0
01000
note 3
00111
note 3
00110
note 3
00101
note 3
00100
note 3
00011
note 3
00010
note 3
00001
notes 3 and 4
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com