Electronic Components Datasheet Search
  English  ▼

X  

TEA6321 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TEA6321
Description  Sound fader control circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6321 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TEA6321 Datasheet HTML 17Page - NXP Semiconductors TEA6321 Datasheet HTML 18Page - NXP Semiconductors TEA6321 Datasheet HTML 19Page - NXP Semiconductors TEA6321 Datasheet HTML 20Page - NXP Semiconductors TEA6321 Datasheet HTML 21Page - NXP Semiconductors TEA6321 Datasheet HTML 22Page - NXP Semiconductors TEA6321 Datasheet HTML 23Page - NXP Semiconductors TEA6321 Datasheet HTML 24Page - NXP Semiconductors TEA6321 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1995 Dec 19
21
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6321
Fig.6 Signal-to-noise ratio; noise weighted: CCIR468-2, quasi peak.
handbook, full pagewidth
50
100
1
10
10 −1
10 −2
10 −3
10 −4
MED426
60
70
80
90
Po (W)
S/N
(dB)
(1)
(2)
(3)
(1) Vi = 2.0 V.
(2) Vi = 0.5 V.
(3) Vi = 0.2 V.
Fig.7 Signal-to-noise ratio; Vi = 2 V; Pmax =6W.
handbook, full pagewidth
60
110
1
10
10 −1
10 −2
10 −3
10 −4
MED427
70
80
90
100
Po (W)
S/N
(dB)
(1)
(2)
(3)
(1) Unweighted RMS.
(2) CCIR468-2 RMS.
(3) CCIR468-2 quasi peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com