Electronic Components Datasheet Search
  English  ▼

X  

TEA6321 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TEA6321
Description  Sound fader control circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6321 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TEA6321 Datasheet HTML 22Page - NXP Semiconductors TEA6321 Datasheet HTML 23Page - NXP Semiconductors TEA6321 Datasheet HTML 24Page - NXP Semiconductors TEA6321 Datasheet HTML 25Page - NXP Semiconductors TEA6321 Datasheet HTML 26Page - NXP Semiconductors TEA6321 Datasheet HTML 27Page - NXP Semiconductors TEA6321 Datasheet HTML 28Page - NXP Semiconductors TEA6321 Datasheet HTML 29Page - NXP Semiconductors TEA6321 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1995 Dec 19
26
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6321
Fig.14 Test circuit for power supply ripple rejection (RR).
handbook, full pagewidth
TEA6321
input A to D left and right
and input mono
output right
output left
front and rear
10
8
5
12
32
1
76
21
31
2
19
23
25
28
VP
10 k
Ω
0.2 V (RMS)
1000
µF
47
µF
0.1
µF
VCC = 8.5 V
100
µF
600
Ω
220 nF
220 nF
5.6 nF
SCL
SDA
4.7
µF
VO
5.6 nF
220 nF
10 nF
MED844
3.4 k
Ω
270 nF
270 nF
3.4 k
Ω
270 nF
270 nF
26
27
Fig.15 Test circuit for channel separation (
αcs).
handbook, full pagewidth
MED845
output left
output right
front and rear
Vp
47
µF
0.1
µF
VCC = 8.5 V
100
µF
600
Ω
220 nF
SCL
SDA
4.7
µF
VO
5.6 nF
220 nF
Vi
220 nF
470
µF
input A to D right and left
TEA6321
input A to D left and right
and input mono
10
8
5
12
32
1
21
31
2
19
23
25
28
220 nF
5.6 nF
10 nF
76
3.4 k
Ω
270 nF
270 nF
3.4 k
Ω
270 nF
270 nF
26
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com