Electronic Components Datasheet Search
  English  ▼

X  

TDF8541 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8541
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8541 Datasheet HTML 1Page - NXP Semiconductors TDF8541 Datasheet HTML 2Page - NXP Semiconductors TDF8541 Datasheet HTML 3Page - NXP Semiconductors TDF8541 Datasheet HTML 4Page - NXP Semiconductors TDF8541 Datasheet HTML 5Page - NXP Semiconductors TDF8541 Datasheet HTML 6Page - NXP Semiconductors TDF8541 Datasheet HTML 7Page - NXP Semiconductors TDF8541 Datasheet HTML 8Page - NXP Semiconductors TDF8541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
2 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
 Temperature controlled gain reduction to prevent audio holes at high junction
temperatures
 Programmable low battery voltage detection to enable 7.5 V or 6 V minimum battery
voltage operation
 Overvoltage protection (load-dump safe up to VP = 50 V) with overvoltage pre-warning
at 16 V
 Offset detection
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP(oper)
operating supply
voltage
RL = 4 
614.4
18
V
Iq
quiescent current
no load
-
260
350
mA
no load; VP = 7 V
-
190
-
mA
Po
output power
RL =4 ; VP = 14.4 V; THD = 0.5 %
18
20
-
W
RL =4 ; VP = 14.4 V; THD = 10 %
23
25
-
W
RL =2 ; VP = 14.4 V; THD = 10 %
40
44
-
W
Po(max)
maximum output
power
RL =4 ; VP = 15.2 V; Vi = 2 V RMS square wave
41
45
-
W
RL =2 ; VP = 14.4 V; Vi = 2 V RMS square wave
58
64
-
W
THD
total harmonic
distortion
Po =1Wto12W; fi = 1 kHz; RL =4 
-0.01
0.1
%
Vn(o)
output noise voltage
filter 20 Hz to 22 kHz (6th order); RS =50 
amplifier mode
-
40
60
V
line driver mode
-
25
33
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDF8541J/N2
DBS27P
plastic DIL-bent-SIL (special bent) power package; 27 leads (lead length
6.8 mm)
SOT827-1
TDF8541SD/N2
RDBS27P
plastic rectangular-DIL-bent-SIL (reverse bent) power package; 27 leads
(row spacing 2.54 mm)
SOT878-1
TDF8541TH/N2
HSOP36
plastic, heatsink small outline package; 36 leads; low stand-off height
SOT851-1
TDF8541JS/N2
DBSMS27P
plastic dual bent surface mounted SIL power package; 27 leads
SOT1154-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com