Electronic Components Datasheet Search
  English  ▼

X  

TDF8541 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8541
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8541 Datasheet HTML 3Page - NXP Semiconductors TDF8541 Datasheet HTML 4Page - NXP Semiconductors TDF8541 Datasheet HTML 5Page - NXP Semiconductors TDF8541 Datasheet HTML 6Page - NXP Semiconductors TDF8541 Datasheet HTML 7Page - NXP Semiconductors TDF8541 Datasheet HTML 8Page - NXP Semiconductors TDF8541 Datasheet HTML 9Page - NXP Semiconductors TDF8541 Datasheet HTML 10Page - NXP Semiconductors TDF8541 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
7 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.
Functional description
The TDF8541 is a complementary quad BTL audio power amplifier made with SOI-based
BCDMOS technology. It contains four independent amplifiers in a BTL configuration; see
Figure 1. The amplifier remains fully operational at a battery voltage as low as 6 V. Below
6 V, a crank detector is activated to shut down the amplifier without audible plops.
The TDF8541 is protected against overvoltage, short-circuit, overtemperature, open
ground and open VP connections.
The diagnostics for temperature and clip levels are programmable via the I2C-bus, and the
information indicated at diagnostic pins DIAG and STB is selectable. The status of each
amplifier can be read separately for output offset, load or no load, short-circuit or speaker
falsely connected.
During amplifier start-up the built-in start-up diagnostics can be used to detect shorted
load, open load, short to ground or short to VP. The TDF8541 is software and hardware
compatible with its predecessor: stand-alone amplifier TDA8594 and TDA8595.
A resistor can be connected to pin ADSEL and ground to emulate an I2C-bus address that
is determined by the resistor value. Up to four different I2C-bus addresses are possible;
see Table 8. If pin ADSEL is shorted to ground, the TDF8541 operates in legacy mode. In
this mode, the I2C-bus is not needed and the function of pin STB changes from 2-level
(Stand-by mode and On mode) to a 3-level pin (Stand-by mode, On mode and mute).
The output stage of an amplifier channel consists of two PDMOS power transistors and
two NDMOS transistors in BTL configuration and ensures a high power output signal with
perfect sound quality. The BCDMOS process is used with an isolated SOI substrate which
ensures a robust amplifier, where latch-up cannot occur, and low crosstalk between the
channels with every component isolated, without substrate currents.
The input stage is biased (at 0.23
 battery voltage + 1.4 V) and can accept an input
voltage of up to 8 V (peak). The DC input bias voltage can be measured on pin SVR. At a
bias voltage of 0.23
 battery voltage + 1.4 V (= 4.7 V at a supply of 14.4 V), the input
capacitors can remain biased even with an engine start crank as low as 6 V. If the input
capacitors are allowed to discharge quickly, a small input signal is caused by a different
input time-constant due to a different AC ground and input capacitor. This small input
signal would be amplified to the output resulting in an audible plop noise.
7.1 Start-up and shut down sequence
The capacitor on pin SVR is used for smooth start-up and shut-down which prevents the
amplifier from producing switch-on or -off plop noise. Increasing the SVR capacitor value
increases start-up and shut-down time.
If the amplifier is switched on in I2C-bus mode (IB1[D0] = 1) or in legacy mode
(VSTB > 2.5 V), the amplifier output voltage rises to 1.4 V below half the supply voltage
and the output is muted. When the output reaches 1.4 V below half the supply voltage, the
start-up mute is released if the I2C-bus was set to unmute (VSTB > 5.9 V in legacy mode),
or stays in mute if the bits are set to mute (2.5 V < VSTB < 4.5 V in legacy mode).
To enable short start-up times, the 70 k
 input resistor is reduced to 3 k during start-up
until just before the start-up mute release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com