Electronic Components Datasheet Search
  English  ▼

X  

TDF8541 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDF8541
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDF8541 Datasheet HTML 45Page - NXP Semiconductors TDF8541 Datasheet HTML 46Page - NXP Semiconductors TDF8541 Datasheet HTML 47Page - NXP Semiconductors TDF8541 Datasheet HTML 48Page - NXP Semiconductors TDF8541 Datasheet HTML 49Page - NXP Semiconductors TDF8541 Datasheet HTML 50Page - NXP Semiconductors TDF8541 Datasheet HTML 51Page - NXP Semiconductors TDF8541 Datasheet HTML 52Page - NXP Semiconductors TDF8541 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
49 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
Fig 34. Package outline SOT851-1 (HSOP36)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT851-1
SOT851-1
04-03-09
04-05-25
HSOP36: plastic, heatsink small outline package; 36 leads; low stand-off height
bp
z
118
36
19
D1
D2
E1
E
A
HE
D
E2
y
x
e
w
pin 1 index
vA
X
θ
Lp
detail X
(A3)
A2
A4
c
A
Q
0
5
10 mm
scale
UNIT
A4(1)
mm
+0.08
−0.04
3.5
0.35
DIMENSIONS (mm are the original dimensions)
Notes
1. Limits per individual lead.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
A
max. A2
3.4
3.3
D2
1.1
0.9
HE
14.5
13.9
Lp
1.1
0.8
Q
1.7
1.5
2.55
2.20
v
0.25
w
0.12
yZ
8
°
0
°
θ
0.07
x
0.03
D1
13.0
12.6
E1
6.2
5.8
E2
2.9
2.5
bp
c
0.32
0.23
e
0.65
D(2)
16.0
15.8
E(2)
11.1
10.9
0.38
0.25
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com