Electronic Components Datasheet Search
  English  ▼

X  

TDF8541 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDF8541
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDF8541 Datasheet HTML 20Page - NXP Semiconductors TDF8541 Datasheet HTML 21Page - NXP Semiconductors TDF8541 Datasheet HTML 22Page - NXP Semiconductors TDF8541 Datasheet HTML 23Page - NXP Semiconductors TDF8541 Datasheet HTML 24Page - NXP Semiconductors TDF8541 Datasheet HTML 25Page - NXP Semiconductors TDF8541 Datasheet HTML 26Page - NXP Semiconductors TDF8541 Datasheet HTML 27Page - NXP Semiconductors TDF8541 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
24 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
• All bits equal to zero define the setting, with the exception of bit IB1[D0] which is
ignored; see Table 9.
Table 9.
Instruction byte IB1
Bit
Description
D7
enable or disable clip detection below VP = 10 V
0 = disable clip detection below VP = 10 V
1 = enable clip detection below VP = 10 V
D6
channel 3 clip information on pin DIAG or pin STB
0 = clip information on pin DIAG
1 = clip information on pin STB
D5
channel 1 clip information on pin DIAG or pin STB
0 = clip information on pin DIAG
1 = clip information on pin STB
D4
channel 4 clip information on pin DIAG or pin STB
0 = clip information on pin DIAG
1 = clip information on pin STB
D3
channel 2 clip information on pin DIAG or pin STB
0 = clip information on pin DIAG
1 = clip information on pin STB
D2
enable or disable AC load detection
0 = AC load detection disabled
1 = AC load detection enabled
D1
enable or disable start-up diagnostics
0 = start-up diagnostics disabled
1 = start-up diagnostics enabled
D0
enable or disable amplifier start
0 = amplifier start not enabled
1 = amplifier start enabled
Table 10.
Instruction byte IB2
Bit
Description
D7 and D6
clip detection level
00 = clip detection level 2 %
01 = clip detection level 5 %
10 = clip detection level 10 %
11 = clip detection level disabled
D5
temperature information on pin DIAG
0 = temperature information on pin DIAG
1 = no temperature information on pin DIAG
D4
load fault information (shorts) on pin DIAG
0 = load fault information on pin DIAG
1 = no load fault information on pin DIAG
D3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com