Electronic Components Datasheet Search
  English  ▼

X  

AD7841AS Datasheet(PDF) 4 Page - Analog Devices

Part # AD7841AS
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841AS Datasheet(HTML) 4 Page - Analog Devices

  AD7841AS Datasheet HTML 1Page - Analog Devices AD7841AS Datasheet HTML 2Page - Analog Devices AD7841AS Datasheet HTML 3Page - Analog Devices AD7841AS Datasheet HTML 4Page - Analog Devices AD7841AS Datasheet HTML 5Page - Analog Devices AD7841AS Datasheet HTML 6Page - Analog Devices AD7841AS Datasheet HTML 7Page - Analog Devices AD7841AS Datasheet HTML 8Page - Analog Devices AD7841AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7841
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = +25°C unless otherwise noted)
VCC to GND
3
. . . . . . . . . . . . . . . –0.3 V, +7 V or VDD + 0.3 V
(Whichever Is Lower)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –17 V
Digital Inputs to GND . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
VREF(+) to VREF(–) . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +18 V
VREF(+) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VREF(–) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
DUTGND to GND . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VOUT (A–H) to GND . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
MQFP Package
Power Dissipation . . . . . . . . . . . . . . . . . . (TJ Max – TA)/
θ
JA
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
3V
CC must not exceed VDD by more than 0.3 V. If it is possible for this to happen
during power supply sequencing, the following diode protection scheme will ensure
protection.
ORDERING GUIDE
Linearity
Temperature
Error
DNL
Package
Package
Model
Range
(LSBs)
(LSBs)
Description
Option
AD7841AS
–40
°C to +85°C
±4
–0.9/+2
Plastic Quad Flatpack (MQFP)
S-44
AD7841BS
–40
°C to +85°C
±2
±1
Plastic Quad Flatpack (MQFP)
S-44
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40
39
38
41
42
43
44
36
35
34
37
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12
13
14
15
16
17
18
19
20
21
22
29
30
31
32
33
27
28
25
26
23
24
DUTGND_GH
VOUTH
VREF(–)GH
VREF(+)GH
CLR
DB13
DB12
AD7841
DUTGND_AB
VOUTA
VREF(–)AB
VREF(+)AB
VDD
VSS
LDAC
A2
A1
A0
CS
DB11
DB10
DB9
DB8
VDD
VCC
AD7841
HP5082-2811
VDD
VCC
IN4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com