Electronic Components Datasheet Search
  English  ▼

X  

AD7841AS Datasheet(PDF) 7 Page - Analog Devices

Part # AD7841AS
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841AS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7841AS Datasheet HTML 3Page - Analog Devices AD7841AS Datasheet HTML 4Page - Analog Devices AD7841AS Datasheet HTML 5Page - Analog Devices AD7841AS Datasheet HTML 6Page - Analog Devices AD7841AS Datasheet HTML 7Page - Analog Devices AD7841AS Datasheet HTML 8Page - Analog Devices AD7841AS Datasheet HTML 9Page - Analog Devices AD7841AS Datasheet HTML 10Page - Analog Devices AD7841AS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7841
–7–
REV. 0
Typical Performance Characteristics–
CODE
2
–2
0
2048
1
0
4096
12288
16384
–1
6144 8192 10240
14336
VDD = +15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
TA = 25 C
Figure 2. Typical INL Plot
1
–1
–0.5
0.5
0
TEMPERATURE – C
–40
100
–20
0
20406080
VDD = +15V
VSS = –15V
VREF(+) = +5V
VREF(+) = –5V
Figure 5. Typical DNL Error vs.
Temperature
0.6
0.5
0.4
0.3
0.1
0.2
0
–0.1
–0.2
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
Figure 8. Typical Digital-to-Analog
Glitch Impulse
CODE
1
–1
0
2048
0.75
0.25
0
0.5
4096 6144
8192
–0.25
–0.5
–0.75
10240 12288 14336 16384
VDD = +15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
TA = 25 C
Figure 3. Typical DNL Plot
TEMPERATURE – C
4
2
–4
0
–2
–40
–20
100
0
20
406080
VDD = +15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
FULL-SCALE ERROR
ZERO-SCALE ERROR
Figure 6. Zero-Scale and Full-Scale
Error vs. Temperature
10.19
10.17
10.16
10.18
SETTLING TIME –
s
27
33
28
29
30
31
32
Figure 9. Settling Time (+)
TEMPERATURE – C
4
2
–1
0
–2
–40
–20
100
0
20
406080
VDD = +15V
VSS = –15V
VREF(+) = +5V
VREF(–) = –5V
Figure 4. Typical INL Error vs.
Temperature
TEMPERATURE – C
–40
100
–20
0
204060
80
6
–1
1
5
3
4
2
0
VCC = +5V
VDD = +15V
VSS = –15V
DIGITAL INPUTS @ SUPPLIES
DIGITAL INPUTS @
THRESHOLDS
Figure 7. ICC vs. Temperature
10
8
6
4
–40
–20
0
20
40
60
TEMPERATURE – °C
80
100
ISS
IDD
VDD = +15V
VSS = –15V
VCC = +5V
Figure 10. IDD, ISS vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com