Electronic Components Datasheet Search
  English  ▼

X  

AD7841AS Datasheet(PDF) 10 Page - Analog Devices

Part # AD7841AS
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841AS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7841AS Datasheet HTML 4Page - Analog Devices AD7841AS Datasheet HTML 5Page - Analog Devices AD7841AS Datasheet HTML 6Page - Analog Devices AD7841AS Datasheet HTML 7Page - Analog Devices AD7841AS Datasheet HTML 8Page - Analog Devices AD7841AS Datasheet HTML 9Page - Analog Devices AD7841AS Datasheet HTML 10Page - Analog Devices AD7841AS Datasheet HTML 11Page - Analog Devices AD7841AS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7841
–10–
REV. 0
DUTGND Voltage Range
During power-on, the VOUT pins of the AD7841 are connected
to the relevant DUTGND pins via G5 and the 14 k
Ω thin-film
resistor. The DUTGND potential must obey the max ratings at
all times. Thus, the voltage at DUTGND must always be within
the range VSS – 0.3 V, VDD + 0.3 V. However, in order that the
voltages at the VOUT pins of the AD7841 stay within ± 2 V of the
relevant DUTGND potential during power-on, the voltage
applied to DUTGND should also be kept within the range
GND – 2 V, GND + 2 V.
Once the AD7841 has powered on and the on-chip amplifiers
have settled, any voltage that is now applied to the DUTGND
pin is subtracted from the DAC output, which has been gained
up by a factor of two. Thus, for specified operation, the maxi-
mum voltage that can be applied to the DUTGND pin in-
creases to the maximum allowable 2 VREF(+) voltage, and the
minimum voltage that can be applied to DUTGND is the
minimum 2 VREF(–) voltage. After the AD7841 has fully
powered on, the outputs can track any DUTGND voltage within
this minimum/maximum range.
Power Supply Sequencing
When operating the AD7841, it is important that ground be
connected at all times to avoid high current states. The recom-
mended power-up sequence is VDD/VSS followed by VCC. If VCC
can exceed VDD on power-up, the diode scheme shown in the
absolute maximum ratings section will ensure protection. The
reference inputs and digital inputs should be powered up last.
Should the references exceed VDD/VSS on power-up, current
limiting resistors should be inserted in series with the reference
inputs to limit the current to 20 mA. Logic inputs should not be
applied before VCC. Current limiting resistors (470
Ω) in series
with the logic inputs should be inserted if these inputs come up
before VCC.
MICROPROCESSOR INTERFACING
Interfacing the AD7841—16-Bit Interface
The AD7841 can be interfaced to a variety of 16-bit micro-
controllers or DSP processors. Figure 19 shows the AD7841
interfaced to a generic 16-bit microcontroller/DSP processor.
The lower address lines from the processor are connected to A0,
A1 and A2 on the AD7841 as shown. The upper address lines
are decoded to provide a chip select signal or an
LDAC signal
for the AD7841. The fast interface timing of the AD7841 allows
direct interface to a wide variety of microcontrollers and DSPs
as shown in Figure 19.
AD7841
CONTROLLER/
DSP PROCESSOR*
ADDRESS
DECODE
D13
D0
DATA
BUS
UPPER BITS OF
ADDRESS BUS
A2
A1
A0
R/
W
*ADDITIONAL PINS OMITTED FOR CLARITY
D13
D0
CS
LDAC
A2
A1
A0
WR
Figure 19. AD7841 Parallel Interface
APPLICATIONS
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD7841 is mounted should be designed such that the analog
and digital sections are separated and confined to certain areas
of the board. This facilitates the use of ground planes that can
be easily separated. A minimum etch technique is generally best
for ground planes as it gives the best shielding. Digital and ana-
log ground planes should be joined at only one place. The GND
pin of the AD7841 should be connected to the AGND of the
system. If the AD7841 is in a system where multiple devices
require an AGND-to-DGND connection, the connection should
be made at one point only, a star ground point that should be
established as close as possible to the AD7841.
Digital lines running under the device should be avoided as
these will couple noise onto the die. The analog ground plane
should be allowed to run under the AD7841 to avoid noise
coupling. The power supply lines of the AD7841 should use as
large a trace as possible to provide low impedance paths and
reduce the effects of glitches on the power supply line. Fast
switching signals like clocks should be shielded with digital
ground to avoid radiating noise to other parts of the board and
should never be run near the analog inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. A micro-
strip technique is by far the best but not always possible with a
double sided board. In this technique, the component side of
the board is dedicated to ground plane while signal traces are
placed on the solder side.
The AD7841 should have ample supply bypassing located as
close to the package as possible, ideally right up against the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com