Electronic Components Datasheet Search
  English  ▼

X  

AD7841AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD7841AS
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7841AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7841AS Datasheet HTML 4Page - Analog Devices AD7841AS Datasheet HTML 5Page - Analog Devices AD7841AS Datasheet HTML 6Page - Analog Devices AD7841AS Datasheet HTML 7Page - Analog Devices AD7841AS Datasheet HTML 8Page - Analog Devices AD7841AS Datasheet HTML 9Page - Analog Devices AD7841AS Datasheet HTML 10Page - Analog Devices AD7841AS Datasheet HTML 11Page - Analog Devices AD7841AS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7841
REV. 0
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead MQFP (S-44)
0.548 (13.925)
0.546 (13.875)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.033 (0.84)
0.029 (0.74)
0.398 (10.11)
0.390 (9.91)
0.016 (0.41)
0.012 (0.30)
0.083 (2.11)
0.077 (1.96)
0.040 (1.02)
0.032 (0.81)
0.040 (1.02)
0.032 (0.81)
SEATING
PLANE
0.096 (2.44)
MAX
0.037 (0.94)
0.025 (0.64)
8°
0.8°
GND
VDD
8/10-BIT
DAC
GND
VDD
8/10-BIT
DAC
LOGIC LEVEL
SHIFT
+5V
5V
SCLK
D IN
FSIN/CS
SCLK
D IN
FSIN/CS
0V TO +5V
0V TO
5V
VREF(+)AB
A0, A1, A2
VOUTA
VOUTA
VOUTB
VOUTB
VREF( )AB
AD7841*
GND
DATA BUS
ADDR
DECODER
ADDR BUS
SDATA
SCLK
DATA BUS
CONTROLLER
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 22. Programmable Reference Generation for the AD7841
The AD8803 has an output voltage range of GND to VDD (0 V
to +5 V). To trim the VREF(+) input, the appropriate trim range
on the AD8803 DAC can be set using the VREFL and VREFH pins
allowing 8 bits of resolution between the two points. This will
allow the VREF(+) pin to be adjusted to remove gain errors.
To trim the VREF(–) voltage, some method of providing a trim
voltage in the required negative voltage range is required. Nei-
ther the AD7804 or the AD8803 can provide this range in nor-
mal operation as their output range is 0 V to +5 V. There are
two methods of producing this negative voltage. One method is
to provide a positive output voltage and then to level shift that
analog voltage to the required negative range. Alternatively
these DACs can be operated with supplies of 0 V and –5 V, with
the VDD pin connected to 0 V and the GND pin connected to
–5 V. Now these can be used to provide the negative reference
voltages for the VREF(–) inputs on the AD7841. However, the
digital signals driving the DACs need to be level-shifted from
the 0 V to +5 V range to the –5 V to 0 V range. Figure 22 shows
a typical application circuit to provide programmable reference
capabilities for the AD7841.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com