Electronic Components Datasheet Search
  English  ▼

X  

AS2815 Datasheet(PDF) 8 Page - Sipex Corporation

Part # AS2815
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2815 Datasheet(HTML) 8 Page - Sipex Corporation

  AS2815 Datasheet HTML 1Page - Sipex Corporation AS2815 Datasheet HTML 2Page - Sipex Corporation AS2815 Datasheet HTML 3Page - Sipex Corporation AS2815 Datasheet HTML 4Page - Sipex Corporation AS2815 Datasheet HTML 5Page - Sipex Corporation AS2815 Datasheet HTML 6Page - Sipex Corporation AS2815 Datasheet HTML 7Page - Sipex Corporation AS2815 Datasheet HTML 8Page - Sipex Corporation AS2815 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 10/11/00
AS2815
PACKAGE DRAWING
TO-220-3L (U)
0.408 ± 0.013
(10.36 ± 0.33)
0.110 ± 0.010
(2.794 ± 0.254)
0.250 ± 0.010
(6.350 ± 0.254)
0.151D ± 0.002
(3.835 D ± 0.051)
0.180 ± 0.005
(4.572 ± 0.127)
0.050 ± 0.002
(1.270 ± 0.051)
0.340 ± 0.010
(8.636 ± 0.254)
0.150 MIN
(3.81 MIN)
0.410
(10.41)
0.100 ± 0.010
(2.540 ± 0.254)
0.032 ± 0.005
(0.813 ± 0.127)
0.540 ± 0.015
(13.720 ± 0.381)
0.050 TYP
(1.27 TYP)
0.200 ± 0.010
(5.080 ± 0.254)
0.015 ± 0.010/-0.002
(0.381± 0.254/-0.051)
0.015 ± 0.010/-0.015
(2.667± 0.254/-0.381)
1.020 ± 0.015
(25.910 ± 0.381)
SEATING PLANE
Tapered 1o
2 Sides
7o Typ.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com