Electronic Components Datasheet Search
  English  ▼

X  

AS2815 Datasheet(PDF) 9 Page - Sipex Corporation

Part # AS2815
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2815 Datasheet(HTML) 9 Page - Sipex Corporation

  AS2815 Datasheet HTML 1Page - Sipex Corporation AS2815 Datasheet HTML 2Page - Sipex Corporation AS2815 Datasheet HTML 3Page - Sipex Corporation AS2815 Datasheet HTML 4Page - Sipex Corporation AS2815 Datasheet HTML 5Page - Sipex Corporation AS2815 Datasheet HTML 6Page - Sipex Corporation AS2815 Datasheet HTML 7Page - Sipex Corporation AS2815 Datasheet HTML 8Page - Sipex Corporation AS2815 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 10/11/00
AS2815
PACKAGE DRAWING
TO252-3L (R)
4
3
2
1
E
b
2
-A-
L
2
D
L
3
L
1
b
1
e
-C-
e1
D
1
E
1
BACK VIEW A-A
TERM 4
C
.010 M A M
3 PLCS
-B-
A
A
1
C
1
c
8
A
A
SEATING
PLANE
H
L
5. D1 & E1 Establishes A Minimum Mounting Surface for Terminal 4.
NOTES
1. Refer To Applicable Symbol List.
2. Dimensions And Tolerancing Per Ansi Y14.5m - 1982.
3. Lead Dimension Uncontrolled in L
3.
4. Tab Contour Optional Within Dim. b
2 & L2 And E1 & D1
6. L is the Termal Length for Soldering.
7. Controlling Dimension: Inch
8. 2 Mils Suggested For Postive Contact At Mounting.
b
MIN
MAX
MIN
MAX
A
0.086
0.094
2.184
2.3876
A1
0.035
0.045
0.889
1.143
b
0.025
0.035
0.635
0.889
b1
0.300
0.045
7.620
1.143
b2
0.205
0.215
5.207
5.461
4
c
0.018
0.023
0.457
0.5842
c1
0.018
0.023
0.457
0.5842
D
0.235
0.245
5.969
6.223
D1
0.170
-
4.318
-
4,5
E
0.250
0.265
6.350
6.731
E1
0.170
-
4.318
-
4,5
e
e1
H
0.370
0.410
9.398
10.414
L
0.020
-
0.508
-
6
L1
0.025
0.040
0.635
1.016
L2
0.035
0.050
0.889
1.270
4
L3
0.045
0.060
1.143
1.524
3
4.572
S
Y
M
B
O
L
0.098
MM
2.489
0.180
N
O
T
E
INCHES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com