Electronic Components Datasheet Search
  English  ▼

X  

AS2815 Datasheet(PDF) 2 Page - Sipex Corporation

Part # AS2815
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2815 Datasheet(HTML) 2 Page - Sipex Corporation

  AS2815 Datasheet HTML 1Page - Sipex Corporation AS2815 Datasheet HTML 2Page - Sipex Corporation AS2815 Datasheet HTML 3Page - Sipex Corporation AS2815 Datasheet HTML 4Page - Sipex Corporation AS2815 Datasheet HTML 5Page - Sipex Corporation AS2815 Datasheet HTML 6Page - Sipex Corporation AS2815 Datasheet HTML 7Page - Sipex Corporation AS2815 Datasheet HTML 8Page - Sipex Corporation AS2815 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 10/11/00
AS2815
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Maximum Input Supply Voltage .......................... 10V
Storage Temperature Range ............................ -65° to +150°C
Input to Output Voltage Differential .................... 10V
Operating Junction Temperature Range ......................
AS2815 Control Section ............................ -45°C +125°C
AS2815 Power Transistor...........................-45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at I
OUT = 10mA, Ta=25
°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
AS2815A
Min
Max
AS2815
Min
Max
Units
1.5V Version
Output Voltage (Note 2)
AS2815-1.5V, 0
≤IOUT≤1.5A, 2.75V≤VIN ≤7V
1.5
1.5
1.485
1.470
1.515
1.530
1.470
1.455
1.530
1.545
V
2.5V Version
Output Voltage (Note 2)
AS2815-2.5V,0
≤IOUT≤1.5A, 3.5V≤VIN ≤7V
2.5
2.5
2.475
2.450
2.525
2.550
2.450
2.425
2.550
2.575
V
3.3V Version
Output Voltage (Note 2)
AS2815-3.3V, 0
≤IOUT≤1.5A, 4.75V≤VIN ≤7V
3.3
3.3
3.270
3.240
3.330
3.360
3.230
3.201
3.370
3.399
V
5.0V Version
Output Voltage (Note 2)
AS2815-5.0V, 0
≤IOUT≤1.5A, 5.5V≤VIN ≤7V
5.0
5.0
4.95
4.90
5.05
5.10
4.900
4.850
5.100
5.150
V
All Voltage Options
Reference Voltage (VREF)
VIN
≤ 7V, P≤ PMAX
1.5V
≤ (VIN -VOUT)≤5.75V, 10mA≤IOUT≤1.5A
1.250
1.225
1.270
1.225
1.270
V
Min. Load Current (Note 3)
1.5V
≤ (VIN -VOUT)≤5.75V
5
10
10
mA
Line Regulation (
∆VREF(VIN))
2.75V
≤VIN ≤7V, IOUT=10mA, TJ=25°C (Note 3)
0.005
0.2
0.2
%
VIN
≤7V, IOUT=0mA, TJ=25°C (Note 2)
0.005
0.2
0.2
%
Load Regulation(
∆VREF(IOUT)) 10mA≤IOUT ≤1.5A, (VIN-VOUT)=3V, TJ=25°C
(Note 3)
0.05
0.3
0.3
%
0
≤IOUT ≤1.5A, VIN=7V, TJ=25°C (Note 2)
0.05
0.3
0.3
%
Dropout Voltage
∆VREF=1%
IOUT =1.5A (Note 3)
IOUT
≤ 1.5A (Note 2)
1.1
1.2
1.2
V
Current Limit
IOUT(MAX)
VIN=7V
1.4V
≤ (VIN- VOUT) (Note3)
2.5
1.7
1.7
A
Long Term Stability
TA=125
°C, 1000 Hrs.
0.3
(Note 2)
1
1
%
Thermal Regulation
(
∆VOUT(Pwr))
TA=25
°C, 20 ms pulse
0.01
0.020
0.020
%/W
Temperature Stability
(
∆VOUT(T))
0.25
%
Output Noise, RMS
10Hz to 10khz
TA=25
°C
0.003
% VO
Thermal Resistance
TO-220
Junction to Tab
Junction to Ambient
DD Package
Junction to Tab
Junction to Ambient
3.0
60
3.0
60
3.0
60
3.0
60
°C/W
°C/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: Fixed Version Only
Note 3: Adjustable Version Only



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com