Electronic Components Datasheet Search
  English  ▼

X  

AS2815 Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS2815
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2815 Datasheet(HTML) 1 Page - Sipex Corporation

  AS2815 Datasheet HTML 1Page - Sipex Corporation AS2815 Datasheet HTML 2Page - Sipex Corporation AS2815 Datasheet HTML 3Page - Sipex Corporation AS2815 Datasheet HTML 4Page - Sipex Corporation AS2815 Datasheet HTML 5Page - Sipex Corporation AS2815 Datasheet HTML 6Page - Sipex Corporation AS2815 Datasheet HTML 7Page - Sipex Corporation AS2815 Datasheet HTML 8Page - Sipex Corporation AS2815 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 10/11/00
AS2815
1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5V, 2.5V, 3.3V, 5.0V
• Power PCSupplies
• Output Current of 1.5A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252
• Constant Current Regulators
• Similar To Industry Standard LT1086/LT1586
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The AS2815 is a low power 1.5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external resistors
to set the output voltage for adjustable version. The AS2815 are designed for low voltage applications that offers lower dropout
voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a
lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies
applications. The AS2815 features low dropout of a maximum 1.2V.
The AS2815 offers over current limit and protection against over-current faults, reversed input polarity, reversed load insertion, and
positive and negative transient voltage. The IQ of this device flows into the load, which increases efficiency.
The AS2815 are offered in a 3-pin TO-220, TO-263 & TO-252 packages compatible with other 3 terminal regulators. For a 3A low
dropout regulator refer to the AS2830 data sheet.
ORDERING INFORMATION
TO-220
3-PIN
DD PLASTIC
3-PIN
TO-252
DPAK
OPERERATING JUNCTION
TEMP RANGE
AS2815YU-X
AS2815YT-X
AS2815YR-X
-45 to +125
°C
X = Output Voltage (i.e. 1.5 for 1.5V, 2.5 for 2.5V etc.).
Y = Output Tolerance, Y= A for 1% or
Blank for 2%
Consult with factory for other fixed output voltages
PIN CONNECTIONS
Front View
TO-220-3 (U)
AS2815
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
AS2815
2
3
ADJ/GND V
OUT
V
IN
Front View
TO-252 (R)
ADJ/GND
3
2
1
AS2815
V
IN
V
OUT


Similar Part No. - AS2815

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YM3-X SIPEX-AS2810YM3-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YR-X SIPEX-AS2810YR-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YT-X SIPEX-AS2810YT-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YU-X SIPEX-AS2810YU-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - AS2815

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com