Electronic Components Datasheet Search
  English  ▼

X  

OP27GPZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP27GPZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GPZ Datasheet(HTML) 5 Page - Analog Devices

  OP27GPZ Datasheet HTML 1Page - Analog Devices OP27GPZ Datasheet HTML 2Page - Analog Devices OP27GPZ Datasheet HTML 3Page - Analog Devices OP27GPZ Datasheet HTML 4Page - Analog Devices OP27GPZ Datasheet HTML 5Page - Analog Devices OP27GPZ Datasheet HTML 6Page - Analog Devices OP27GPZ Datasheet HTML 7Page - Analog Devices OP27GPZ Datasheet HTML 8Page - Analog Devices OP27GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 5 of 21
VS = ±15 V, −55°C ≤ TA ≤ 125°C, unless otherwise noted.
Table 2.
OP27A
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
VOS
30
60
µV
AVERAGE INPUT OFFSET DRIFT
TCVOS2
TCVOSn3
0.2
0.6
µV/°C
INPUT OFFSET CURRENT
IOS
15
50
nA
INPUT BIAS CURRENT
IB
±20
±60
nA
INPUT VOLTAGE RANGE
IVR
±10.3
±11.5
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±10 V
108
122
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4.5 V to ±18 V
2
16
µV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ, VO = ±10 V
600
1200
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±11.5
±13.5
V
1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. A/E grades guaranteed fully
warmed up.
2 The TCVOS performance is within the specifications unnulled or when nulled with RP = 8 kΩ to 20 kΩ. TCVOS is 100% tested for A/E grades, sample tested for G grades.
3 Guaranteed by design.
VS = ±15 V, −25°C ≤ TA ≤ 85°C for OP27J and OP27Z and −40°C ≤ TA ≤ 85°C for OP27GS, unless otherwise noted.
Table 3.
OP27E
OP27G
Parameter
Symbol
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT ONSET VOLTAGE
VOS
20
50
55
220
µV
AVERAGE INPUT OFFSET DRIFT
TCVOS1
0.2
0.6
0 4
1.8
µV/°C
TCVOSn2
0.2
0.6
0 4
1.8
µV/°C
INPUT OFFSET CURRENT
IOS
10
50
20
135
nA
INPUT BIAS CURRENT
IB
±14
±60
±25
±150
nA
INPUT VOLTAGE RANGE
IVR
±10.5
±11.8
±10.5
±11.8
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±10 V
110
124
96
118
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±4.5 V to ±18 V
2
15
2
32
µV/V
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ, VO = ±10 V
750
1500
450
1000
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±11.7
±13.6
±11.0
±13.3
V
1 The TCVOS performance is within the specifications unnulled or when nulled with RP = 8 kΩ to 20 kΩ. TCVOS is 100% tested for A/E grades, sample tested for C/G grades.
2 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com