Electronic Components Datasheet Search
  English  ▼

X  

OP27GPZ Datasheet(PDF) 18 Page - Analog Devices

Part # OP27GPZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button OP27GPZ Datasheet HTML 13Page - Analog Devices OP27GPZ Datasheet HTML 14Page - Analog Devices OP27GPZ Datasheet HTML 15Page - Analog Devices OP27GPZ Datasheet HTML 16Page - Analog Devices OP27GPZ Datasheet HTML 17Page - Analog Devices OP27GPZ Datasheet HTML 18Page - Analog Devices OP27GPZ Datasheet HTML 19Page - Analog Devices OP27GPZ Datasheet HTML 20Page - Analog Devices OP27GPZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 18 of 21
A 150 Ω resistor and R1 and R2 gain resistors connected to a
noiseless amplifier generate 220 nV of noise in a 20 kHz
bandwidth, or 73 dB below a 1 mV reference level. Any practical
amplifier can only approach this noise level; it can never exceed
it. With the OP27 and T1 specified, the additional noise
degradation is close to 3.6 dB (or −69.5 referenced to 1 mV).
REFERENCES
1.
Lipshitz, S. R, “On RIAA Equalization Networks,” JAES,
Vol. 27, June 1979, p. 458–481.
2.
Jung, W. G., IC Op Amp Cookbook, 2nd. Ed., H. W. Sams
and Company, 1980.
3.
Jung, W. G., Audio IC Op Amp Applications, 2nd. Ed., H. W.
Sams and Company, 1978.
4.
Jung, W. G., and Marsh, R. M., “Picking Capacitors,” Audio,
February and March, 1980.
5.
Otala, M., “Feedback-Generated Phase Nonlinearity in
Audio Amplifiers,” London AES Convention, March 1980,
preprint 1976.
6.
Stout, D. F., and Kaufman, M., Handbook of Operational
Amplifier Circuit Design, New York, McGraw-Hill, 1976.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com