Electronic Components Datasheet Search
  English  ▼

X  

OP27GPZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP27GPZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP27GPZ Datasheet HTML 3Page - Analog Devices OP27GPZ Datasheet HTML 4Page - Analog Devices OP27GPZ Datasheet HTML 5Page - Analog Devices OP27GPZ Datasheet HTML 6Page - Analog Devices OP27GPZ Datasheet HTML 7Page - Analog Devices OP27GPZ Datasheet HTML 8Page - Analog Devices OP27GPZ Datasheet HTML 9Page - Analog Devices OP27GPZ Datasheet HTML 10Page - Analog Devices OP27GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
OP27
Rev. H | Page 7 of 21
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
±22 V
Input Voltage1
±22 V
Output Short-Circuit Duration
Indefinite
Differential Input Voltage2
±0.7 V
Differential Input Current2
±25 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
OP27A (J, Z)
−55°C to +125°C
OP27E (Z)
−25°C to +85°C
OP27E (P)
0°C to 70°C
OP27G (P, S, J, Z)
−40°C to +85°C
Lead Temperature Range (Soldering, 60 sec)
300°C
Junction Temperature
−65°C to +150°C
1 For supply voltages less than ±22 V, the absolute maximum input voltage is
equal to the supply voltage.
2 The inputs of the OP27 are protected by back-to-back diodes. Current
limiting resistors are not used in order to achieve low noise. If differential
input voltage exceeds ±0.7 V, the input current should be limited to 25 mA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for device in socket for TO-99, CERDIP, and PDIP
packages; θJA is specified for device soldered to printed circuit
board for SOIC package.
Absolute maximum ratings apply to both dice and packaged
parts, unless otherwise noted.
Table 6.
Package Type
θJA
θJC
Unit
8-Lead Metal Can (TO-99) (J)
150
18
°C/W
8-Lead CERDIP (Z)
148
16
°C/W
8-Lead PDIP (P)
103
43
°C/W
8-Lead SOIC_N (S)
158
43
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com